Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4427M Datasheet(PDF) 3 Page - Microchip Technology

Part # TC4427M
Description  1.5A Dual High-Speed Power MOSFET Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4427M Datasheet(HTML) 3 Page - Microchip Technology

  TC4427M Datasheet HTML 1Page - Microchip Technology TC4427M Datasheet HTML 2Page - Microchip Technology TC4427M Datasheet HTML 3Page - Microchip Technology TC4427M Datasheet HTML 4Page - Microchip Technology TC4427M Datasheet HTML 5Page - Microchip Technology TC4427M Datasheet HTML 6Page - Microchip Technology TC4427M Datasheet HTML 7Page - Microchip Technology TC4427M Datasheet HTML 8Page - Microchip Technology TC4427M Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© 2005 Microchip Technology Inc.
DS21938A-page 3
TC4426M/TC4427M/TC4428M
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage ................................................................+22V
Input Voltage, IN A or IN B .......... (VDD + 0.3V) to (GND – 5V)
Storage Temperature Range .........................-65°C to +150°C
Maximum Junction Temperature ................................. +150°C
† Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, TA = +25ºC with 4.5V ≤ VDD ≤ 18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.4
V
Logic ‘0’, Low Input Voltage
VIL
——
0.8
V
Input Current
IIN
-1.0
+1.0
µA
0V
≤ VIN ≤ VDD
Output
High Output Voltage
VOH
VDD – 0.025
V
DC TEST
Low Output Voltage
VOL
0.025
V
DC TEST
Output Resistance
RO
—7
10
Ω
IOUT = 10 mA, VDD = 18V
Peak Output Current
IPK
—1.5
A
VDD = 18V
Latch-Up Protection
Withstand Reverse Current
IREV
>0.5
A
Duty cycle
≤ 2%, t ≤ 300 µs
VDD = 18V
Switching Time (Note 1)
Rise Time
tR
—19
30
ns
Figure 4-1
Fall Time
tF
—25
30
ns
Figure 4-1
Delay Time
tD1
—20
30
ns
Figure 4-1
Delay Time
tD2
—40
50
ns
Figure 4-1
Power Supply
Power Supply Current
IS
4.5
0.4
mA
VIN = 3V (Both inputs)
VIN = 0V (Both inputs)
Note 1:
Switching times ensured by design.


Similar Part No. - TC4427M

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4427MJA TELCOM-TC4427MJA Datasheet
75Kb / 6P
   1.5A DUAL HIGH-SPEED, POWER MOSFET DRIVERS
TC4427MJA TELCOM-TC4427MJA Datasheet
75Kb / 6P
   1.5A DUAL HIGH-SPEED, POWER MOSFET DRIVERS
logo
Microchip Technology
TC4427MJA MICROCHIP-TC4427MJA Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
More results

Similar Description - TC4427M

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC4426 MICROCHIP-TC4426_13 Datasheet
356Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_06 Datasheet
444Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com