Electronic Components Datasheet Search |
|
TDA8702 Datasheet(PDF) 5 Page - NXP Semiconductors |
|
TDA8702 Datasheet(HTML) 5 Page - NXP Semiconductors |
5 / 19 page 1996 Aug 23 5 Philips Semiconductors Product specification 8-bit video digital-to-analog converter TDA8702 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). HANDLING Inputs and outputs are protected against electrostatic discharges in normal handling. However, to be totally safe, it is desirable to take normal precautions appropriate to handling integrated circuits. THERMAL RESISTANCE SYMBOL PARAMETER MIN. MAX. UNIT VCCA analog supply voltage −0.3 +7.0 V VCCD digital supply voltage −0.3 +7.0 V VCCA − VCCD supply voltage differential −0.5 +0.5 V AGND − DGND ground voltage differential −0.1 +0.1 V VI input voltage (pins 3 to 5 and 7 to 12) −0.3 VCCD V IOUT/IOUT total output current (pins 14 and 15) −5 +26 mA Tstg storage temperature −55 +150 °C Tamb operating ambient temperature 0 +70 °C Tj junction temperature − +125 °C SYMBOL PARAMETER VALUE UNIT Rth j-a from junction to ambient in free air SOT38-1 70 K/W SOT162-1 90 K/W |
Similar Part No. - TDA8702 |
|
Similar Description - TDA8702 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |