Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2004IYZKR Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TSC2004IYZKR
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2004IYZKR Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button TSC2004IYZKR Datasheet HTML 7Page - Burr-Brown (TI) TSC2004IYZKR Datasheet HTML 8Page - Burr-Brown (TI) TSC2004IYZKR Datasheet HTML 9Page - Burr-Brown (TI) TSC2004IYZKR Datasheet HTML 10Page - Burr-Brown (TI) TSC2004IYZKR Datasheet HTML 11Page - Burr-Brown (TI) TSC2004IYZKR Datasheet HTML 12Page - Burr-Brown (TI) TSC2004IYZKR Datasheet HTML 13Page - Burr-Brown (TI) TSC2004IYZKR Datasheet HTML 14Page - Burr-Brown (TI) TSC2004IYZKR Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
www.ti.com
Temperature( C)
°
-40
-20
850
800
750
700
650
600
550
500
450
400
0
20
40
60
80
100
95.3mV
138.2mV
TEMP2
TEMP1
I/OVDD=SNSVDD=3V
V
=2.5V
REF
MeasurementIncludes
A/DConverterOffset
andGainErrors
1.2
1.6
2.0
2.4
2.8
3.2
3.6
SNSVDD(V)
11
10
9
8
7
6
5
4
3
X+,Y+:SNSVDDtoPin
X ,Y :PintoGND
-
-
T =+25 C
°
A
X+
Y+
Y-
X-
1.2
1.6
2.0
2.4
2.8
3.2
3.6
SNSVDD(V)
590
588
586
584
582
580
578
SNSVDD=IOVDD=V
REF
T
A =+25°C
MeasurementIncludes
A/DConverterOffset
andGainErrors
1.2
1.6
2.0
2.4
2.8
3.2
3.6
SNSVDD(V)
706
704
702
700
698
696
694
SNSVDD=IOVDD=V
REF
T
A =+25°C
MeasurementIncludes
A/DConverterOffset
andGainErrors
-40
-20
0
20
40
60
80
100
Temperature( C)
°
4.20
4.15
4.10
4.05
4.00
3.95
SNSVDD=I/OVDD=V
=3.0V
REF
-40
-20
0
20
40
60
80
100
Temperature( C)
°
3.90
3.85
3.80
3.75
3.70
SNSVDD=I/OVDD=V
=1.6V
REF
TSC2004
SBAS408A – JUNE 2007 – REVISED AUGUST 2007
TYPICAL CHARACTERISTICS (continued)
At TA = –40°C to +85°C, SNSVDD = VREF = +1.6V to +3.6V, I/OVDD = +1.2V to +3.6V, fADC = fOSC/2, High-Speed mode (fSCL
= 3.4MHz), 12-bit mode, and non-continuous AUX measurement, unless otherwise noted.
SWITCH ON-RESISTANCE
TEMP DIODE VOLTAGE
vs SNSVDD SUPPLY VOLTAGE
vs TEMPERATURE
Figure 14.
Figure 15.
TEMP1 DIODE VOLTAGE
TEMP2 DIODE VOLTAGE
vs SNSVDD SUPPLY VOLTAGE
vs SNSVDD SUPPLY VOLTAGE
Figure 16.
Figure 17.
INTERNAL OSCILLATOR CLOCK FREQUENCY
INTERNAL OSCILLATOR CLOCK FREQUENCY
vs TEMPERATURE
vs TEMPERATURE
Figure 18.
Figure 19.
11
Submit Documentation Feedback


Similar Part No. - TSC2004IYZKR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2004IYZKR BURR-BROWN-TSC2004IYZKR Datasheet
1Mb / 58P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire
More results

Similar Description - TSC2004IYZKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2007 BURR-BROWN-TSC2007 Datasheet
713Kb / 38P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
logo
Texas Instruments
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com