Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1401 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP1401
Description  Tiny 500 mA, High-Speed Power MOSFET Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1401 Datasheet(HTML) 2 Page - Microchip Technology

  MCP1401 Datasheet HTML 1Page - Microchip Technology MCP1401 Datasheet HTML 2Page - Microchip Technology MCP1401 Datasheet HTML 3Page - Microchip Technology MCP1401 Datasheet HTML 4Page - Microchip Technology MCP1401 Datasheet HTML 5Page - Microchip Technology MCP1401 Datasheet HTML 6Page - Microchip Technology MCP1401 Datasheet HTML 7Page - Microchip Technology MCP1401 Datasheet HTML 8Page - Microchip Technology MCP1401 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MCP1401/02
DS22052A-page 2
© 2007 Microchip Technology Inc.
Functional Block Diagram
Effective
Input C = 25 pF
MCP1401 Inverting
MCP1402 Non-inverting
Input
GND
VDD
300 mV
4.7V
Inverting
Non-inverting
850 µA
Output
(Each Input)


Similar Part No. - MCP1401

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1401T-E/OT MICROCHIP-MCP1401T-E/OT Datasheet
350Kb / 20P
   Tiny 500 mA, High-Speed Power MOSFET Driver
03/25/14
MCP1401 MICROCHIP-MCP1401_14 Datasheet
350Kb / 20P
   Tiny 500 mA, High-Speed Power MOSFET Driver
03/25/14
More results

Similar Description - MCP1401

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1401 MICROCHIP-MCP1401_14 Datasheet
350Kb / 20P
   Tiny 500 mA, High-Speed Power MOSFET Driver
03/25/14
MCP1415 MICROCHIP-MCP1415_16 Datasheet
743Kb / 17P
   Tiny 1.5A, High-Speed Power MOSFET Driver
07/14/15
MCP1415 MICROCHIP-MCP1415_10 Datasheet
488Kb / 22P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
MCP1415 MICROCHIP-MCP1415 Datasheet
337Kb / 20P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
logo
ON Semiconductor
MMBF170LT1 ONSEMI-MMBF170LT1 Datasheet
61Kb / 4P
   Power MOSFET 500 mA, 60 V
February, 2004 ??Rev. 4
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
   High Speed Synchronous Power MOSFET Driver
SC1205H SEMTECH-SC1205H Datasheet
228Kb / 13P
   high speed syncronous power mosfet driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
National Semiconductor ...
LM5112 NSC-LM5112 Datasheet
236Kb / 10P
   Tiny 7A MOSFET Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com