Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8705AT Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8705AT
Description  6-bit high-speed dual Analog-to-Digital Converter ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8705AT Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8705AT Datasheet HTML 6Page - NXP Semiconductors TDA8705AT Datasheet HTML 7Page - NXP Semiconductors TDA8705AT Datasheet HTML 8Page - NXP Semiconductors TDA8705AT Datasheet HTML 9Page - NXP Semiconductors TDA8705AT Datasheet HTML 10Page - NXP Semiconductors TDA8705AT Datasheet HTML 11Page - NXP Semiconductors TDA8705AT Datasheet HTML 12Page - NXP Semiconductors TDA8705AT Datasheet HTML 13Page - NXP Semiconductors TDA8705AT Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1996 Jan 12
10
Philips Semiconductors
Product specification
6-bit high-speed dual Analog-to-Digital
Converter (ADC)
TDA8705A
Fig.5 Typical Fast Fourier Transform (fclk = 80 MHz; fi = 20 MHz).
Effective bits: 5.54; THD =
−39.89 dB;
Harmonic levels (dB): 2nd =
−46.51; 3rd = −41.21; 4th = −80.65; 5th = −60.16; 6th = −54.51.
handbook, full pagewidth
55.2
0
120
40.2
45.2
50.2
MLC376
40
80
75.3
60.3
65.3
70.3
80.4
f (MHz)
100
20
60
amplitude
(dB)


Similar Part No. - TDA8705AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8705 PHILIPS-TDA8705 Datasheet
117Kb / 16P
   6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
TDA8705T PHILIPS-TDA8705T Datasheet
117Kb / 16P
   6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
More results

Similar Description - TDA8705AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8705 PHILIPS-TDA8705 Datasheet
117Kb / 16P
   6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
TDA8765 PHILIPS-TDA8765 Datasheet
138Kb / 20P
   10-bit high-speed Analog-to-Digital Converter ADC
1999 Jan 06
TDA8768 PHILIPS-TDA8768 Datasheet
126Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1998 Aug 26
TDA8767 PHILIPS-TDA8767 Datasheet
129Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1999 Feb 16
logo
Exar Corporation
MP7682 EXAR-MP7682 Datasheet
478Kb / 7P
   CMOS, 6-Bit High-Speed Analog-to-digital Converter
MP7686 EXAR-MP7686 Datasheet
752Kb / 9P
   CMOS 6 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8752 PHILIPS-TDA8752 Datasheet
151Kb / 36P
   Triple high speed Analog-to-Digital Converter ADC
1999 Mar 09
TDA8752A PHILIPS-TDA8752A Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
logo
Mitel Networks Corporat...
VP215 MITEL-VP215 Datasheet
187Kb / 9P
   Dual 90MHz 6-Bit Analog to Digital Converter
logo
Zarlink Semiconductor I...
VP215 ZARLINK-VP215 Datasheet
109Kb / 7P
   Dual 90MHz 6-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com