Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC508A Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # MPC508A
Description  Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MPC508A Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button MPC508A Datasheet HTML 2Page - Burr-Brown (TI) MPC508A Datasheet HTML 3Page - Burr-Brown (TI) MPC508A Datasheet HTML 4Page - Burr-Brown (TI) MPC508A Datasheet HTML 5Page - Burr-Brown (TI) MPC508A Datasheet HTML 6Page - Burr-Brown (TI) MPC508A Datasheet HTML 7Page - Burr-Brown (TI) MPC508A Datasheet HTML 8Page - Burr-Brown (TI) MPC508A Datasheet HTML 9Page - Burr-Brown (TI) MPC508A Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MPC508A, MPC509A
6
SBFS019A
www.ti.com
Source
Node A
C
SB
R
SA
Z
CM
Cd
A
Cd
B
C
SA
R
SB
R
CMS
C
CMS
Node B
MPC509A
Channel
Rd
A
Rd
B
Load
Load
Source
Node A
C
S
R
S
R
L
C
L
MPC508A Channel
Source Characteristics
The source impedance unbalance will produce offset,
common-mode and channel-to-channel gain-scatter er-
rors. Use sources which do not have large impedance
unbalances if at all possible.
Keep source impedances as low as possible to minimize
resistive loading errors.
Minimize ground loops. If signal lines are shielded,
ground all shields to a common point at the system
analog common.
If the MPC509A is used for multiplexing high-level signals
of
±1V to ±10V full-scale ranges, the foregoing precautions
should still be taken, but the parameters are not as critical as
for low-level signal applications.
DYNAMIC CHARACTERISTICS
Settling Time
The gate-to-source and gate-to-drain capacitance of the CMOS
FET switches, the RC time constants of the source and the
load determine the settling time of the multiplexer.
Governed by the charge transfer relation i = C (dV/dt), the
charge currents transferred to both load and source by the
analog switches are determined by the amplitude and rise
time of the signal driving the CMOS FET switches and the
gate-to-drain and gate-to-source junction capacitances as
shown in Figures 3 and 4. Using this relationship, one can see
that the amplitude of the switching transients, seen at the
source and load, decrease proportionally as the capacitance
of the load and source increase. The trade-off for reduced
switching transient amplitude is increased settling time. In
effect, the amplitude of the transients seen at the source and
load are:
dV
L = (i/C) dt
where i = C (dV/dt) of the CMOS FET switches
C = load or source capacitance
The source must then redistribute this charge, and the effect
of source resistance on settling time is shown in the Typical
Performance Curves. This graph shows the settling time for
a 20V step change on the input. The settling time for smaller
step changes on the input will be less than that shown in the
curve.
Switching Time
This is the time required for the CMOS FET to turn ON after
a new digital code has been applied to the Channel Address
inputs. It is measured from the 50 percent point of the address
input signal to the 90 percent point of the analog signal seen
at the output for a 10V signal change between channels.
Crosstalk
Crosstalk is the amount of signal feedthrough from the three
(MPC509A) or seven (MPC508A) OFF channels appearing
at the multiplexer output. Crosstalk is caused by the voltage
divider effect of the OFF channel, OFF resistance and junc-
tion capacitances in series with the R
ON and RS impedances
of the ON channel. Crosstalk is measured with a 20Vp-p
1kHz sine wave applied to all OFF channels. The crosstalk
for these multiplexers is shown in the Typical Performance
Curves.
Common-Mode Rejection (MPC509A Only)
The matching properties of the load, multiplexer and source
affect the common-mode rejection (CMR) capability of a
differentially multiplexed system. CMR is the ability of the
multiplexer and input amplifier to reject signals that are
common to both inputs, and to pass on only the signal
difference to the output. For the MPC509A, protection is
provided for common-mode signals of
±20V above the
power supply voltages with no damage to the analog switches.
The CMR of the MPC509A and Burr-Brown’s INA110
instrumentation amplifier is 110dB at DC to 10Hz (G = 100)
with a 6dB/octave roll off to 70dB at 1000Hz. This measure-
ment of CMR is shown in the Typical Performance Curves
and is made with a Burr-Brown model INA110 instrumenta-
tion amplifier connected for gains of 10, 100, and 500.
FIGURE 3. Settling Time Effects—MPC508A
FIGURE 4. Settling and Common-Mode-Effects—
MPC509A


Similar Part No. - MPC508A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A Datasheet
423Kb / 16P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A BURR-BROWN-MPC508A Datasheet
521Kb / 17P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
MPC508A TI1-MPC508A Datasheet
982Kb / 19P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508AP BURR-BROWN-MPC508AP Datasheet
423Kb / 16P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508AP BURR-BROWN-MPC508AP Datasheet
521Kb / 17P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
More results

Similar Description - MPC508A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPC508A TI1-MPC508A Datasheet
982Kb / 19P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
HI-509A TI-HI-509A Datasheet
1Mb / 10P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A Datasheet
423Kb / 16P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A BURR-BROWN-MPC508A_08 Datasheet
521Kb / 17P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
MPC506AUG4 TI-MPC506AUG4 Datasheet
754Kb / 19P
[Old version datasheet]   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC507 BURR-BROWN-MPC507 Datasheet
420Kb / 15P
   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
   Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
DG408 INTERSIL-DG408_06 Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com