Electronic Components Datasheet Search |
|
SPD16A51R0JS13 Datasheet(PDF) 2 Page - Bi technologies |
|
SPD16A51R0JS13 Datasheet(HTML) 2 Page - Bi technologies |
2 / 3 page Nichrome on Silicon BI Technologies Corporation 4200 Bonita Place Fullerton, CA 92835 USA Website: www.bitechnologies.com August 25, 2006 page 2 of 3 BI technologies PACKAGE POWER, WATTS PACKAGE POWER, WATTS PACKAGE POWER, WATTS PACKAGE POWER, WATTS @ 70°C @ 70°C @ 70°C @ 70°C 3 3 3 3 QSOP SOIC (Narrow) SOIC (Wide) P-DIP 16 20 24 8 14 16 16 20 24 8 14 16 0.75 1.0 1.0 0.4 0.7 0.8 1.0 1.2 1.2 0.4 0.6 0.8 POWER DERA POWER DERA POWER DERA POWER DERATING CURVE TING CURVE TING CURVE TING CURVE ENVIRONMENTAL (MIL ENVIRONMENTAL (MIL ENVIRONMENTAL (MIL ENVIRONMENTAL (MIL----R R R R----83401) 83401) 83401) 83401) Thermal Shock plus Power Conditioning ∆R 0.1% Short Time Overload ∆R 0.1% Terminal Strength ∆R 0.1% Moisture Resistance ∆R 0.1% Mechanical Shock ∆R 0.1% Vibration ∆R 0.1% Low Temperature Operation ∆R 0.05% High Temperature Exposure ∆R 0.1% Resistance to Solder Heat ∆R 0.1% Marking Permanency Per MIL-STD-202, Method 215 Flammability UL-94V-0 Rated Storage Temperature Range -55°C to +125°C MECHANICAL MECHANICAL MECHANICAL MECHANICAL Lead Plating 80/20 Tin Lead (Standard) 100 matt Tin (RoHS) Lead Material Copper Alloy Lead Configuration Gull Wing Lead Coplanarity 0.004” (0.102 mm) Substrate Material Silicon Resistor Material Passivated Nichrome Body Material Molded Epoxy 3 Power per resistor @ 70°C, Maximum is 100 mW, not to exceed package power |
Similar Part No. - SPD16A51R0JS13 |
|
Similar Description - SPD16A51R0JS13 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |