Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML120G22 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # ML120G22
Description  FOR OPTICAL INFORMATION SYSTEMS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML120G22 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  ML120G22 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML120G22 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MITSUBISHI
ELECTRIC
( 2 / 2 )
As of Feb. ‘04
ML1XX22 SERIES
MITSUBISHI LASER DIODES
FOR OPTICAL INFORMATION SYSTEMS
OUTLINE DRAWINGS
There is no model with a monitor photo diode in ML1XX22 series.
ML101J22
ML120G22
CASE
LD
(2)
(1)
(3)
CASE
(2)
(3)
(1)
ML120G22
ML101J22
LD
Dimentions in mm
1.0
φ2.0 (P.C.D.)
φ1.6
φ3.55
φ4.4
+0
-0.03
φ5.6
3-
φ0.45
(1)
(2)
(3)
Reference plane
Y
X
0.4 ±0.1
±0.1
φ3.8
Light Output Power vs. Current (Pulse)
0
20
40
60
80
100
-60
-40
-20
0
20
40
60
Angle (
° )
Po=80mW(CW)
θ//
θ⊥
Far-Field-Patterns
Typical Characteristics
20
60
100
140
180
0
50
100 150 200 250 300 350
Current [mA]
Tc=25 40 60 70 75
°C


Similar Part No. - ML120G22

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML120G2 MITSUBISHI-ML120G2 Datasheet
50Kb / 5P
   FOR OPTICAL INFORMATION SYSTEMS
More results

Similar Description - ML120G22

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML6XX27 MITSUBISHI-ML6XX27 Datasheet
774Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS?
ML6XX25 MITSUBISHI-ML6XX25 Datasheet
87Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX24 MITSUBISHI-ML6XX24 Datasheet
209Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS?
ML1XX8 MITSUBISHI-ML1XX8 Datasheet
47Kb / 3P
   FOR OPTICAL INFORMATION SYSTEMS
ML4XX26 MITSUBISHI-ML4XX26 Datasheet
51Kb / 4P
   FOR OPTICAL INFORMATION SYSTEMS
ML1XX2 MITSUBISHI-ML1XX2 Datasheet
50Kb / 5P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX28 MITSUBISHI-ML6XX28 Datasheet
21Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX16 MITSUBISHI-ML6XX16 Datasheet
34Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML1XX6 MITSUBISHI-ML1XX6 Datasheet
38Kb / 4P
   FOR OPTICAL INFORMATION SYSTEMS
ML101J27 MITSUBISHI-ML101J27 Datasheet
26Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com