Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8716 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8716
Description  8-bit high-speed analog-to-digital converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8716 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8716 Datasheet HTML 5Page - NXP Semiconductors TDA8716 Datasheet HTML 6Page - NXP Semiconductors TDA8716 Datasheet HTML 7Page - NXP Semiconductors TDA8716 Datasheet HTML 8Page - NXP Semiconductors TDA8716 Datasheet HTML 9Page - NXP Semiconductors TDA8716 Datasheet HTML 10Page - NXP Semiconductors TDA8716 Datasheet HTML 11Page - NXP Semiconductors TDA8716 Datasheet HTML 12Page - NXP Semiconductors TDA8716 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
1996 Aug 26
9
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDA8716
Notes
1. Voltage offset BOTTOM (VOB) is the difference between the analog input which produces data outputs equal to 00
and the reference voltage BOTTOM (VRB), at Tamb =25 °C. Voltage offset TOP (VOT) is the difference between
reference voltage TOP (VRT) and the analog input which produces data outputs equal to FF, at Tamb =25 °C.
2. The analog input is not internally biased. It should be externally biased between VRB and VRT levels.
3. The TDA8716 can only withstand one or two 10K or 100K ECL loads in order to work-out timings at the maximum
sampling frequency. It is therefore recommended to minimize the printed-circuit board load by implementing the load
device as close as possible to the TDA8716.
4. Full-scale sinewave; fi = 4.43 MHz; fCLK, fCLK = 100 MHz.
5. Effective bits are obtained via a Fast Fourier Transformer (FFT) treatment taking 4 K acquisition points per period.
The calculation takes into account all harmonics and noise up to half of the clock frequency (NYQUIST frequency).
Conversion to SNR: SNR = EB (dB)
× 6.02 + 1.76.
Fig.4 Average effect of air flow on thermal resistance.
handbook, full pagewidth
1000
0
–60
0
200
400
600
800
MEA540
–20
–40
–10
–30
–50
percent
change
(R th j–a)
air flow (LFPM)
SOL


Similar Part No. - TDA8716

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
TDA8712T PHILIPS-TDA8712T Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
TDA8714 PHILIPS-TDA8714 Datasheet
154Kb / 24P
   8-bit high-speed analog-to-digital converter
1997 Oct 29
TDA8714M PHILIPS-TDA8714M Datasheet
154Kb / 24P
   8-bit high-speed analog-to-digital converter
1997 Oct 29
TDA8714M/4 PHILIPS-TDA8714M/4 Datasheet
154Kb / 24P
   8-bit high-speed analog-to-digital converter
1997 Oct 29
More results

Similar Description - TDA8716

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8715 PHILIPS-TDA8715 Datasheet
430Kb / 15P
    8 - BIT HIGH SPEED ANALOG - TO - DIGITAL CONVERTER
November 1990
TDF8704 PHILIPS-TDF8704 Datasheet
137Kb / 20P
   8-bit high-speed analog-to-digital converter
June 1994
TDA8718 PHILIPS-TDA8718 Datasheet
110Kb / 16P
   8-bit high-speed analog-to-digital converter
June 1994
TDA8714 PHILIPS-TDA8714 Datasheet
154Kb / 24P
   8-bit high-speed analog-to-digital converter
1997 Oct 29
TDA8703 PHILIPS-TDA8703 Datasheet
141Kb / 18P
   8-bit high-speed analog-to-digital converter
1996 Aug 26
logo
Texas Instruments
TLC5540 TI-TLC5540 Datasheet
231Kb / 18P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
logo
Exar Corporation
MP7684A EXAR-MP7684A Datasheet
1Mb / 14P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
MP7683 EXAR-MP7683 Datasheet
645Kb / 10P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
XRD8785 EXAR-XRD8785 Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
XRD8775 EXAR-XRD8775 Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com