Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8722 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8722
Description  I2C-bus programmable modulator for negative video modulation and FM sound
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8722 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8722 Datasheet HTML 1Page - NXP Semiconductors TDA8722 Datasheet HTML 2Page - NXP Semiconductors TDA8722 Datasheet HTML 3Page - NXP Semiconductors TDA8722 Datasheet HTML 4Page - NXP Semiconductors TDA8722 Datasheet HTML 5Page - NXP Semiconductors TDA8722 Datasheet HTML 6Page - NXP Semiconductors TDA8722 Datasheet HTML 7Page - NXP Semiconductors TDA8722 Datasheet HTML 8Page - NXP Semiconductors TDA8722 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
1998 Jun 23
5
Philips Semiconductors
Product specification
I2C-bus programmable modulator for
negative video modulation and FM sound
TDA8722
PINNING
SYMBOL PIN
DESCRIPTION
AUDIO
1
audio input
SOSCA
2
sound oscillator A
SOSCB
3
sound oscillator B
UOSCB
4
UHF oscillator B
OGND
5
RF oscillator ground
UOSCA
6
UHF oscillator A
AMP
7
tuning amplifier output
CP
8
charge pump output
XTAL
9
crystal oscillator
DGND
10
digital ground
VDDD
11
digital supply voltage
SCL
12
serial clock input (I2C-bus)
SDA
13
serial data input (I2C-bus)
P0
14
NPN open-collector output Port
RFB
15
asymmetrical RF output B
RFA
16
asymmetrical RF output A
ADJUST
17
modulation depth and picture-to-sound
distance adjustment pin
AGND
18
analog ground
VIDEO
19
video input
VDDA
20
analog supply voltage
Fig.2 Pin configuration.
handbook, halfpage
TDA8722
MBE394
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CP
DGND
XTAL
SCL
SDA
AMP
P0
UOSCA
RFB
OGND
RFA
UOSCB
ADJUST
SOSCB
AGND
SOSCA
VIDEO
AUDIO
VDDD
VDDA
FUNCTIONAL DESCRIPTION
The TDA8722 is a programmable modulator which can be
divided into two main blocks:
• A modulator for negative video modulation and
FM sound TV standards
• A programmable PLL frequency synthesizer.
The video part of the modulator consists of a clamping
circuit which sets the internal reference voltage to the
bottom of the synchronizing pulse, followed by a white clip
which avoids over modulation in case the video signal is
too strong. Typically, the IC starts to clip the video signal
when the voltage at the video input (pin 19) is
>560 mV (p-p) while the normal voltage at the video input
is 500 mV (p-p). This clipping function ensures that the
video modulation depth is not too high. The modulation
depth is adjusted in the application between at least
65 and 90% by changing the resistor value between pin 17
and ground (R17). The value can change between 47 k
and infinite (R17 removed); see Fig.10.
The video part also contains a test pattern signal generator
to simplify the adjustment of the receiving channel of the
TV set to the required channel of the modulator. The
pattern consists of a synchronization pulse and two
vertical white bars on screen (see Fig.3).
The audio part of the modulator contains an FM sound
modulator. The frequency of the sound subcarrier is set in
the application by external components (C3, L3 and R3).
The difference between the video carrier level and the
sound subcarrier level is adjusted in the application by
changing the value of the capacitor between pin 17 and
ground (C17). The value can change between
0 and 47 pF. The distance between the video carrier and
the sound subcarrier can be adjusted between at least
−10 and −18 dB (see Fig.11).


Similar Part No. - TDA8722

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8725T PHILIPS-TDA8725T Datasheet
102Kb / 10P
   Antenna signal processor
1995 Mar 21
More results

Similar Description - TDA8722

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1611 NTE-NTE1611 Datasheet
24Kb / 3P
   Integrated Circuit Video and FM Sound Modulator/Carrier Oscillator for VCR
logo
Siemens Semiconductor G...
TDA5666-5 SIEMENS-TDA5666-5 Datasheet
1,020Kb / 22P
   Video Modulator for FM-Audio
logo
NXP Semiconductors
TDA8822 PHILIPS-TDA8822 Datasheet
187Kb / 28P
   Universal I2C-bus programmable RF modulator
1997 Jan 08
logo
Siemens Semiconductor G...
TDA5667-5 SIEMENS-TDA5667-5 Datasheet
716Kb / 22P
   Video Modulator for FM/AM-Audio
MGM3000X SIEMENS-MGM3000X Datasheet
1,016Kb / 23P
   Video Modulator for FM/AM-Audio
logo
Sony Corporation
CXA2022S SONY-CXA2022S Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
CXA2021S SONY-CXA2021S Datasheet
274Kb / 16P
   I2C BUS Sound Processor for TV
logo
Siemens Semiconductor G...
TBA130-2 SIEMENS-TBA130-2 Datasheet
403Kb / 13P
   FM SOUND IF FOR TELEVISION APPLICATIONS WITH IC BUS AND SCART
TDA5670-5X SIEMENS-TDA5670-5X Datasheet
730Kb / 22P
   Video Modulator for FM/AM-Audio with PLL-Output
logo
NEC
UPC1857A NEC-UPC1857A Datasheet
343Kb / 44P
   SOUND CONTROL IC WITH SURROUND AND I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com