Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8722 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8722
Description  I2C-bus programmable modulator for negative video modulation and FM sound
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8722 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8722 Datasheet HTML 7Page - NXP Semiconductors TDA8722 Datasheet HTML 8Page - NXP Semiconductors TDA8722 Datasheet HTML 9Page - NXP Semiconductors TDA8722 Datasheet HTML 10Page - NXP Semiconductors TDA8722 Datasheet HTML 11Page - NXP Semiconductors TDA8722 Datasheet HTML 12Page - NXP Semiconductors TDA8722 Datasheet HTML 13Page - NXP Semiconductors TDA8722 Datasheet HTML 14Page - NXP Semiconductors TDA8722 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
1998 Jun 23
11
Philips Semiconductors
Product specification
I2C-bus programmable modulator for
negative video modulation and FM sound
TDA8722
S/N audio audio signal-to-noise ratio
note 6
45
50
dB
faudio
frequency response of the audio signal
note 7
−1
+1
dB
P/S
picture-to-sound ratio
no audio signal;
FM = 5.5 MHz;
C17 =15pF
−16
−13
−10
dB
∆P/S
picture-to-sound ratio range
no audio signal;
FM = 5.5 MHz;
0pF
≤ C17 ≤ 39 pF
−18
−−10
dB
Channel characteristics
fRF
RF frequency range
using tank circuit of Fig.7
471.25
855.25
MHz
VRF
output level on RFA and RFB
asymmetrical output
loaded with 75
Ω;
f = 471.25 to 855.25 MHz
77
80
83
dB
µV
∆V
RF
difference between the level of
modulated carrier and the level of the
unmodulated carrier
measurement is made
during synchronization
pulse for the modulated
carrier
012dB
SPO
spurious outside channel
note 8
−−62
dBc
RFsh
RF second harmonic level on
asymmetrical output
fRF = 471.25 MHz
−−30
−25
dBc
fRF = 855.25 MHz
−−20
−15
dBc
SCsh
sound carrier second harmonic level
fs = 5.5 MHz;
C17 = 15 pF;
fRF < 700 MHz
−−65
−60
dBc
fs = 5.5 MHz;
C17 = 15 pF;
fRF > 700 MHz
−−63
−58
dBc
SCth
sound carrier third harmonic level
fs = 5.5 MHz; C17 = 15 pF
−−65
−60
dBc
video signal harmonics
note 9
−−60
−55
dBc
fref
reference frequency spurious
fp + 31.25 kHz
−−65
−60
dBc
IM
chrominance beat
note 10
−−65
−60
dBc
Charge pump output (CP)
I8
output current
−±100
−µA
V7
output voltage
in lock
1.5
2.5
V
IOZ
OFF-state leakage current
VCP = 2 V; T0 = 1; T1 = 1;
T2 = 1
−−
10
nA
Amplifier output (AMP)
G
amplifier current gain
VCP =2V; IAMP =10 µA
4000
V7sat
output saturation voltage
VCP = 0 V; T0 = 1; T1 = 0;
T2 = 1
140
200
mV
Crystal oscillator characteristics (XTAL)
Z9
oscillator input impedance
−−−500
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA8722

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8725T PHILIPS-TDA8725T Datasheet
102Kb / 10P
   Antenna signal processor
1995 Mar 21
More results

Similar Description - TDA8722

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1611 NTE-NTE1611 Datasheet
24Kb / 3P
   Integrated Circuit Video and FM Sound Modulator/Carrier Oscillator for VCR
logo
Siemens Semiconductor G...
TDA5666-5 SIEMENS-TDA5666-5 Datasheet
1,020Kb / 22P
   Video Modulator for FM-Audio
logo
NXP Semiconductors
TDA8822 PHILIPS-TDA8822 Datasheet
187Kb / 28P
   Universal I2C-bus programmable RF modulator
1997 Jan 08
logo
Siemens Semiconductor G...
TDA5667-5 SIEMENS-TDA5667-5 Datasheet
716Kb / 22P
   Video Modulator for FM/AM-Audio
MGM3000X SIEMENS-MGM3000X Datasheet
1,016Kb / 23P
   Video Modulator for FM/AM-Audio
logo
Sony Corporation
CXA2022S SONY-CXA2022S Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
CXA2021S SONY-CXA2021S Datasheet
274Kb / 16P
   I2C BUS Sound Processor for TV
logo
Siemens Semiconductor G...
TBA130-2 SIEMENS-TBA130-2 Datasheet
403Kb / 13P
   FM SOUND IF FOR TELEVISION APPLICATIONS WITH IC BUS AND SCART
TDA5670-5X SIEMENS-TDA5670-5X Datasheet
730Kb / 22P
   Video Modulator for FM/AM-Audio with PLL-Output
logo
NEC
UPC1857A NEC-UPC1857A Datasheet
343Kb / 44P
   SOUND CONTROL IC WITH SURROUND AND I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com