Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8722T Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8722T
Description  I2C-bus programmable modulator for negative video modulation and FM sound
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8722T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8722T Datasheet HTML 5Page - NXP Semiconductors TDA8722T Datasheet HTML 6Page - NXP Semiconductors TDA8722T Datasheet HTML 7Page - NXP Semiconductors TDA8722T Datasheet HTML 8Page - NXP Semiconductors TDA8722T Datasheet HTML 9Page - NXP Semiconductors TDA8722T Datasheet HTML 10Page - NXP Semiconductors TDA8722T Datasheet HTML 11Page - NXP Semiconductors TDA8722T Datasheet HTML 12Page - NXP Semiconductors TDA8722T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1998 Jun 23
9
Philips Semiconductors
Product specification
I2C-bus programmable modulator for
negative video modulation and FM sound
TDA8722
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be completely safe, it
is desirable to take normal precautions appropriate to handling integrated circuits. Every pin withstands the ESD test in
accordance with
“MIL-STD-883C category B” (2000 V). Every pin withstands the ESD test in accordance with Philips
Semiconductors Machine Model (MM) 0
Ω, 200 pF (200 V).
THERMAL RESISTANCE
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDDA
analog supply voltage
−0.3
+6
V
VDDD
digital supply voltage
−0.3
+6
V
VDD
operating supply voltage
4.5
5.5
V
Vmax
maximum voltage on all pins
−0.3
VDD
V
Tstg
IC storage temperature
−40
+125
°C
Tamb
operating ambient temperature
−20
+85
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
SO20; SOT163-1
85
K/W
SSOP20; SOT266-1
120
K/W


Similar Part No. - TDA8722T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8725T PHILIPS-TDA8725T Datasheet
102Kb / 10P
   Antenna signal processor
1995 Mar 21
More results

Similar Description - TDA8722T

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1611 NTE-NTE1611 Datasheet
24Kb / 3P
   Integrated Circuit Video and FM Sound Modulator/Carrier Oscillator for VCR
logo
Siemens Semiconductor G...
TDA5666-5 SIEMENS-TDA5666-5 Datasheet
1,020Kb / 22P
   Video Modulator for FM-Audio
logo
NXP Semiconductors
TDA8822 PHILIPS-TDA8822 Datasheet
187Kb / 28P
   Universal I2C-bus programmable RF modulator
1997 Jan 08
logo
Siemens Semiconductor G...
TDA5667-5 SIEMENS-TDA5667-5 Datasheet
716Kb / 22P
   Video Modulator for FM/AM-Audio
MGM3000X SIEMENS-MGM3000X Datasheet
1,016Kb / 23P
   Video Modulator for FM/AM-Audio
logo
Sony Corporation
CXA2022S SONY-CXA2022S Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
CXA2021S SONY-CXA2021S Datasheet
274Kb / 16P
   I2C BUS Sound Processor for TV
logo
Siemens Semiconductor G...
TBA130-2 SIEMENS-TBA130-2 Datasheet
403Kb / 13P
   FM SOUND IF FOR TELEVISION APPLICATIONS WITH IC BUS AND SCART
TDA5670-5X SIEMENS-TDA5670-5X Datasheet
730Kb / 22P
   Video Modulator for FM/AM-Audio with PLL-Output
logo
NEC
UPC1857A NEC-UPC1857A Datasheet
343Kb / 44P
   SOUND CONTROL IC WITH SURROUND AND I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com