Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK10C48 Datasheet(PDF) 8 Page - Simtek Corporation

Part # STK10C48
Description  2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK10C48 Datasheet(HTML) 8 Page - Simtek Corporation

Back Button STK10C48 Datasheet HTML 4Page - Simtek Corporation STK10C48 Datasheet HTML 5Page - Simtek Corporation STK10C48 Datasheet HTML 6Page - Simtek Corporation STK10C48 Datasheet HTML 7Page - Simtek Corporation STK10C48 Datasheet HTML 8Page - Simtek Corporation STK10C48 Datasheet HTML 9Page - Simtek Corporation STK10C48 Datasheet HTML 10Page - Simtek Corporation STK10C48 Datasheet HTML 11Page - Simtek Corporation STK10C48 Datasheet HTML 12Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
STK10C48
March 2006
8
Document Control # ML0002 rev 0.2
The STK10C48 has two modes of operation: SRAM
mode and nonvolatile mode, determined by the
state of the NE pin. When in SRAM mode, the mem-
ory operates as a standard fast static RAM. While in
nonvolatile mode, data is transferred in parallel from
SRAM
to Nonvolatile Elements or from Nonvolatile
Elements to SRAM.
NOISE CONSIDERATIONS
Note that the STK10C48 is a high-speed memory
and so must have a high-frequency bypass capaci-
tor of approximately 0.1
μF connected between V
CC
and V
SS, using leads and traces that are as short as
possible. As with all high-speed CMOS ICs, normal
careful routing of power, ground and signals will help
prevent noise problems.
SRAM READ
The STK10C48 performs a READ cycle whenever E
and G are low and NE and W are high. The address
specified on pins A
0-10 determines which of the 2,048
data bytes will be accessed. When the READ is initi-
ated by an address transition, the outputs will be
valid after a delay of t
AVQV (READ cycle #1). If the
READ
is initiated by E or G, the outputs will be valid
at t
ELQV or at tGLQV, whichever is later (READ cycle #2).
The data outputs will repeatedly respond to address
changes within the t
AVQV access time without the need
for transitions on any control input pins, and will
remain valid until another address change or until E
or G is brought high or W or NE is brought low.
SRAM WRITE
A WRITE cycle is performed whenever E and W are
low and NE is high. The address inputs must be sta-
ble prior to entering the WRITE cycle and must
remain stable until either E or W goes high at the
end of the cycle. The data on pins DQ
0-7 will be writ-
ten into the memory if it is valid t
DVWH before the end
of a W controlled WRITE or t
DVEH before the end of an
E controlled WRITE.
It is recommended that G be kept high during the
entire WRITE cycle to avoid data bus contention on
the common I/O lines. If G is left low, internal circuitry
will turn off the output buffers t
WLQZ after W goes low.
NONVOLATILE STORE
A STORE cycle is performed when NE, E and W and
low and G is high. While any sequence that
achieves this state will initiate a STORE, only W initi-
ation (STORE cycle #1) and E initiation (STORE cycle
#2) are practical without risking an unintentional
SRAM WRITE
that would disturb SRAM data. During a
STORE
cycle, previous nonvolatile data is erased
and the SRAM contents are then programmed into
nonvolatile elements. Once a STORE cycle is initi-
ated, further input and output are disabled and the
DQ
0-7 pins are tri-stated until the cycle is complete.
If E and G are low and W and NE are high at the end
of the cycle, a READ will be performed and the out-
puts will go active, signaling the end of the STORE.
NONVOLATILE RECALL
A RECALL cycle is performed when E, G and NE are
low and W is high. Like the STORE cycle, RECALL is
initiated when the last of the four clock signals goes
to the RECALL state. Once initiated, the RECALL
cycle will take t
NLQX to complete, during which all
inputs are ignored. When the RECALL completes,
any READ or WRITE state on the input pins will take
effect.
Internally, RECALL is a two-step procedure. First, the
SRAM
data is cleared, and second, the nonvolatile
information is transferred into the SRAM cells. The
RECALL
operation in no way alters the data in the
nonvolatile cells. The nonvolatile data can be
recalled an unlimited number of times.
As with the STORE cycle, a transition must occur on
any one control pin to cause a RECALL, preventing
inadvertent multi-triggering. On power up, once V
CC
exceeds 4.25V, a RECALL cycle is automatically initi-
ated. Due to this automatic RECALL, SRAM operation
cannot commence until t
RESTORE after VCC exceeds
4.25V.
POWER-UP RECALL
During power up, or after any low-power condition
(V
CC
< 3.0V), an internal RECALL request will be
latched. When V
CC once again exceeds 4.25V, a
RECALL
cycle will automatically be initiated and will
take t
RESTORE to complete.
DEVICE OPERATION


Similar Part No. - STK10C48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
STK10C48-N20 ETC-STK10C48-N20 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
STK10C48-N20I ETC-STK10C48-N20I Datasheet
106Kb / 9P
   2K X 8 NVSRAM
STK10C48-N25 ETC-STK10C48-N25 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
STK10C48-N25I ETC-STK10C48-N25I Datasheet
106Kb / 9P
   2K X 8 NVSRAM
More results

Similar Description - STK10C48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16CA8 SIMTEK-STK16CA8 Datasheet
310Kb / 12P
   128K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com