Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK10C48-S25I Datasheet(PDF) 1 Page - Simtek Corporation

Part # STK10C48-S25I
Description  2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK10C48-S25I Datasheet(HTML) 1 Page - Simtek Corporation

  STK10C48-S25I Datasheet HTML 1Page - Simtek Corporation STK10C48-S25I Datasheet HTML 2Page - Simtek Corporation STK10C48-S25I Datasheet HTML 3Page - Simtek Corporation STK10C48-S25I Datasheet HTML 4Page - Simtek Corporation STK10C48-S25I Datasheet HTML 5Page - Simtek Corporation STK10C48-S25I Datasheet HTML 6Page - Simtek Corporation STK10C48-S25I Datasheet HTML 7Page - Simtek Corporation STK10C48-S25I Datasheet HTML 8Page - Simtek Corporation STK10C48-S25I Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
March 2006
1
Document Control # ML0002 rev 0.2
STK10C48
2K x 8 nvSRAM
QuantumTrap™ CMOS
Nonvolatile Static RAM
Obsolete - Not Recommend for new Designs
FEATURES
• 25ns, 35ns and 45ns Access Times
• STORE to Nonvolatile Elements Initiated by
Hardware
• RECALL to SRAM Initiated by Hardware or
Power Restore
• Automatic STORE Timing
• 10mA Typical I
CC at 200ns Cycle Time
• Unlimited READ, WRITE and RECALL Cycles
• 1,000,000 STORE Cycles to Nonvolatile Ele-
ments
• 100-Year Data Retention over Full Industrial
Temperature Range
• Commercial and Industrial Temperatures
• 28-Pin 300 mil PDIP, 300 mil SOIC and
350 mil SOIC Packages
DESCRIPTION
The Simtek STK10C48 is a fast static RAM with a non-
volatile element incorporated in each static memory
cell. The SRAM can be read and written an unlimited
number of times, while independent nonvolatile data
resides in the Nonvolatile Elements. Data may easily
be transferred from the SRAM to the Nonvolatile Ele-
ments (the STORE operation), or from the Nonvolatile
Elements to the SRAM (the RECALL operation), using
the NE pin. Transfers from the Nonvolatile Elements to
the SRAM (the RECALL operation) also take place auto-
matically on restoration of power. The STK10C48
combines the high performance and ease of use of a
fast SRAM with nonvolatile data integrity.
The STK10C48 features industry-standard pinout for
nonvolatile RAMs.
BLOCK DIAGRAM
COLUMN I/O
COLUMN DEC
STATIC RAM
ARRAY
32 x 512
Quantum Trap
32 x 512
STORE/
RECALL
CONTROL
STORE
RECALL
A7
A8
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
G
E
W
A6
A5
A3
A2
A0 A1
A10
A9
NE
A4
PIN NAMES
A0 - A10
Address Inputs
W
Write Enable
DQ0 - DQ7
Data In/Out
E
Chip Enable
G
Output Enable
NE
Nonvolatile Enable
VCC
Power (+ 5V)
VSS
Ground
PIN CONFIGURATIONS
NE
NC
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VCC
NC
A8
A9
NC
G
W
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A10
E
DQ7
DQ6
DQ5
DQ4
DQ3
28 - 300 PDIP
28 - 300 SOIC
28 - 350 SOIC


Similar Part No. - STK10C48-S25I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK10C48-S25I ETC-STK10C48-S25I Datasheet
106Kb / 9P
   2K X 8 NVSRAM
More results

Similar Description - STK10C48-S25I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16CA8 SIMTEK-STK16CA8 Datasheet
310Kb / 12P
   128K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com