Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8730 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8730
Description  PLL FM demodulator for DBS signals
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8730 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8730 Datasheet HTML 1Page - NXP Semiconductors TDA8730 Datasheet HTML 2Page - NXP Semiconductors TDA8730 Datasheet HTML 3Page - NXP Semiconductors TDA8730 Datasheet HTML 4Page - NXP Semiconductors TDA8730 Datasheet HTML 5Page - NXP Semiconductors TDA8730 Datasheet HTML 6Page - NXP Semiconductors TDA8730 Datasheet HTML 7Page - NXP Semiconductors TDA8730 Datasheet HTML 8Page - NXP Semiconductors TDA8730 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
March 1991
5
Philips Semiconductors
Preliminary specification
PLL FM demodulator for DBS signals
TDA8730
FUNCTIONAL DESCRIPTION
The TDA8730 is a PLL FM
demodulator intended for use in
satellite tuners. It can
demodulate frequency
deviations ranging from
13.5 MHz(p-p) (DBS services) up
to 25 MHz(p-p) (FSS services)
and offers a high demodulation
linearity. The circuit is optimized
for operation at 479.5 MHz (the
European IF for satellite tuners)
and can handle the various
broadcasting standards that are
in use (including MAC).
Due to the PLL principle,
demodulation noise threshold
extension is possible. The high
sensitivity of the balanced IF
input reduces the additional
gain, required in the tuner.
An on chip AGC circuit delivers a
gain control signal for use by the
tuner IF amplifier, and a voltage
regulator makes the circuit
insensitive supply voltage
changes.
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134)
THERMAL RESISTANCE
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
−0.3
11
V
IDD
input voltage
−0.3
VDD
V
IO(source)
output source current
10
mA
VAGC
AGC output voltage
11
V
tsc
max short circuit time of outputs
10
s
VAGC(adj)
AGC threshold adjustment voltage
−0.3
VDD
V
Tstg
storage temperature
−55
150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−25
85
°C
SYMBOL
PARAMETER
TYP.
MAX.
UNIT
Rth j-a
from-junction-to-ambient in free air
55
K/W


Similar Part No. - TDA8730

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8732 PHILIPS-TDA8732 Datasheet
96Kb / 14P
   NICAM-728 demodulator NIDEM
April 1993
TDA8735 PHILIPS-TDA8735 Datasheet
113Kb / 16P
   PLL frequency synthesizer
1998 Oct 23
TDA8735T PHILIPS-TDA8735T Datasheet
113Kb / 16P
   PLL frequency synthesizer
1998 Oct 23
More results

Similar Description - TDA8730

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL1461SA MITEL-SL1461SA Datasheet
285Kb / 12P
   Wideband PLL FM Demodulator
logo
List of Unclassifed Man...
SL1461 ETC2-SL1461 Datasheet
200Kb / 13P
   WIDEBAND PLL FM DEMODULATOR
PS20100 ETC2-PS20100 Datasheet
800Kb / 11P
   Wideband PLL FM Demodulator
logo
Hitachi Semiconductor
HA1196 HITACHI-HA1196 Datasheet
64Kb / 2P
   PLL FM Stereo Demodulator
logo
Zarlink Semiconductor I...
SL1461SA ZARLINK-SL1461SA Datasheet
538Kb / 13P
   Wideband PLL FM Demodulator
SL1466 ZARLINK-SL1466 Datasheet
341Kb / 18P
   Wideband PLL FM Demodulator
logo
Unisonic Technologies
L2572 UTC-L2572 Datasheet
250Kb / 14P
   WIDEBAND PLL FM DEMODULATOR
logo
Silan Microelectronics ...
SA3375 SILAN-SA3375 Datasheet
131Kb / 5P
   PLL FM MULTIPLEXER STEREO DEMODULATOR
SA3370 SILAN-SA3370 Datasheet
133Kb / 4P
   PLL FM MULTIPLEXER STEREO DEMODULATOR
logo
Sanyo Semicon Device
LA3361 SANYO-LA3361 Datasheet
212Kb / 8P
   PLL FM Multiplex Stereo Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com