Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14C88-CF45ITR Datasheet(PDF) 7 Page - Simtek Corporation

Part # STK14C88-CF45ITR
Description  32Kx8 AutoStore nvSRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14C88-CF45ITR Datasheet(HTML) 7 Page - Simtek Corporation

Back Button STK14C88-CF45ITR Datasheet HTML 3Page - Simtek Corporation STK14C88-CF45ITR Datasheet HTML 4Page - Simtek Corporation STK14C88-CF45ITR Datasheet HTML 5Page - Simtek Corporation STK14C88-CF45ITR Datasheet HTML 6Page - Simtek Corporation STK14C88-CF45ITR Datasheet HTML 7Page - Simtek Corporation STK14C88-CF45ITR Datasheet HTML 8Page - Simtek Corporation STK14C88-CF45ITR Datasheet HTML 9Page - Simtek Corporation STK14C88-CF45ITR Datasheet HTML 10Page - Simtek Corporation STK14C88-CF45ITR Datasheet HTML 11Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
STK14C88
February 2007
Document Control #ML0014 Rev 0.3
AutoStore/POWER-UP RECALL
(VCC = 5.0V ± 10%)
e
Note p:
tRESTORE starts from the time VCC rises above VSWITCH.
Note q:
HSB is asserted low for 1
μs when VCAP drops through VSWITCH. If an SRAM WRITE has not taken place since the last nonvolatile cycle, HSB
will be released and no STORE will take place.
AutoStore/POWER-UP RECALL
NO.
SYMBOLS
PARAMETER
STK14C88
UNITS
NOTES
Standard
Alternate
MIN
MAX
27
tRESTORE
Power-up RECALL Duration
550
μsp
28
tSTORE
tHLHZ
STORE Cycle Duration
10
ms
n, q
29
tVSBL
Low Voltage Trigger (VSWITCH) to HSB Low
300
ns
l
30
tDELAY
tBLQZ
Time Allowed to Complete SRAM Cycle
1
μsn
31
VSWITCH
Low Voltage Trigger Level
4.0
4.5
V
32
VRESET
Low Voltage Reset Level
3.6
V
30
tDELAY
29
tVSBL
POWER-UP
RECALL
BROWN OUT
NO STORE
(NO SRAM WRITES)
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
AutoStore
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
AutoStore
RECALL WHEN
VCC RETURNS
ABOVE VSWITCH
AutoStore
HSB
W
28
tSTORE
27
tRESTORE
POWER-UP RECALL
31
VSWITCH
32
VRESET
VCC
DQ (DATA OUT)


Similar Part No. - STK14C88-CF45ITR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14C88-C25 ETC-STK14C88-C25 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK14C88-C25I ETC-STK14C88-C25I Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK14C88-C25M ETC-STK14C88-C25M Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK14C88-C35 ETC-STK14C88-C35 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK14C88-C35I ETC-STK14C88-C35I Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
More results

Similar Description - STK14C88-CF45ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88 Datasheet
378Kb / 12P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com