Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK15C68-NF25ITR Datasheet(PDF) 6 Page - Simtek Corporation

Part # STK15C68-NF25ITR
Description  32Kx8 PowerStore nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK15C68-NF25ITR Datasheet(HTML) 6 Page - Simtek Corporation

Back Button STK15C68-NF25ITR Datasheet HTML 2Page - Simtek Corporation STK15C68-NF25ITR Datasheet HTML 3Page - Simtek Corporation STK15C68-NF25ITR Datasheet HTML 4Page - Simtek Corporation STK15C68-NF25ITR Datasheet HTML 5Page - Simtek Corporation STK15C68-NF25ITR Datasheet HTML 6Page - Simtek Corporation STK15C68-NF25ITR Datasheet HTML 7Page - Simtek Corporation STK15C68-NF25ITR Datasheet HTML 8Page - Simtek Corporation STK15C68-NF25ITR Datasheet HTML 9Page - Simtek Corporation STK15C68-NF25ITR Datasheet HTML 10Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
February, 2007
Document Control #ML0016 Rev 0.3
STK15C88
AutoStore/POWER-UP RECALL
(VCC = 5.0V ± 10%)
Note k:
tRESTORE starts from the time VCC rises above VSWITCH.
AutoStore/POWER-UP RECALL
NO.
SYMBOLS
PARAMETER
STK15C88
UNITS
NOTES
Standard
MIN
MAX
22
tRESTORE
Power-up RECALL Duration
550
μs
k
23
tSTORE
STORE Cycle Duration
10
ms
g
24
VSWITCH
Low Voltage Trigger Level
4.0
4.5
V
25
VRESET
Low Voltage Reset Level
3.6
V
VCC
VSWITCH
VRESET
POWER-UP RECALL
W
DQ (DATA OUT)
AutoStore™
5V
22
tRESTORE
23
tSTORE
24
25
POWER-UP
RECALL
BROWN OUT
AutoStore
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
AutoStore
RECALL WHEN
VCC RETURNS
ABOVE VSWITCH
BROWN OUT
NO STORE DUE TO
NO SRAM WRITES
NO RECALL
(VCC DID NOT GO
BELOW VRESET)


Similar Part No. - STK15C68-NF25ITR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK15C68-P25 ETC-STK15C68-P25 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK15C68-P25I ETC-STK15C68-P25I Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK15C68-P35 ETC-STK15C68-P35 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK15C68-P35I ETC-STK15C68-P35I Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK15C68-P45 ETC-STK15C68-P45 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
More results

Similar Description - STK15C68-NF25ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK15C88 SIMTEK-STK15C88_08 Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK11C88 SIMTEK-STK11C88 Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK11C88 SIMTEK-STK11C88_08 Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com