Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK15C68-WF35 Datasheet(PDF) 1 Page - Simtek Corporation

Part # STK15C68-WF35
Description  8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK15C68-WF35 Datasheet(HTML) 1 Page - Simtek Corporation

  STK15C68-WF35 Datasheet HTML 1Page - Simtek Corporation STK15C68-WF35 Datasheet HTML 2Page - Simtek Corporation STK15C68-WF35 Datasheet HTML 3Page - Simtek Corporation STK15C68-WF35 Datasheet HTML 4Page - Simtek Corporation STK15C68-WF35 Datasheet HTML 5Page - Simtek Corporation STK15C68-WF35 Datasheet HTML 6Page - Simtek Corporation STK15C68-WF35 Datasheet HTML 7Page - Simtek Corporation STK15C68-WF35 Datasheet HTML 8Page - Simtek Corporation STK15C68-WF35 Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
March 2006
1
Document Control # ML0009 rev 0.2
STK15C68
8K x 8 AutoStore™ nvSRAM
QuantumTrap™ CMOS
Nonvolatile Static RAM
Obsolete - Not Recommend for new Deisgns
FEATURES
• Nonvolatile Storage without Battery Problems
• Directly Replaces 8K x 8 Static RAM, Battery-
Backed RAM or EEPROM
• 25ns, 35ns and 45ns Access Times
• STORE to Nonvolatile Elements Initiated by
Software or AutoStore™ on Power Down
• RECALL to SRAM Initiated by Software or
Power Restore
• 10mA Typical I
CC at 200ns Cycle Time
• Unlimited READ, WRITE and RECALL Cycles
• 1,000,000 STORE Cycles to Nonvolatile Ele-
ments
• 100-Year Data Retention over Full Industrial
Temperature Range
• No Data Loss from Undershoot
• Commercial and Industrial Temperatures
• 28-Pin 600 or 300 mil PDIP and 350 mil SOIC
Packages
DESCRIPTION
The STK15C68 is a fast SRAM with a nonvolatile ele-
ment incorporated in each static memory cell. The
SRAM
can be read and written an unlimited number of
times, while independent nonvolatile data resides in
Nonvolatile Elements. Data transfers from the SRAM to
the Nonvolatile Elements (the STORE operation) can
take place automatically on power down using charge
stored in system capacitance. Transfers from the Non-
volatile Elements to the SRAM (the RECALL operation)
take place automatically on restoration of power. Initia-
tion of STORE and RECALL cycles can also be con-
trolled by entering control sequences on the SRAM
inputs. The STK15C68 is pin-compatible with 8k x 8
SRAM
s and battery-backed SRAMs, allowing direct
substitution while enhancing performance. A similar
device (STK16C68) with an internally integrated
capacitor is available for systems with very fast slew
rates. The STK12C68, which uses an external capaci-
tor, is an alternative for these applications.
BLOCK DIAGRAM
COLUMN I/O
COLUMN DEC
STATIC RAM
ARRAY
128 x 512
QUANTUM TRAP
128 x 512
STORE/
RECALL
CONTROL
STORE
RECALL
POWER
CONTROL
A5
A6
A9
A11
A12
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
SOFTWARE
DETECT
VCC
A0 - A12
G
E
W
A8
A7
A10
A3
A2
A0 A1
A4
PIN NAMES
A0 - A12
Address Inputs
W
Write Enable
DQ0 - DQ7
Data In/Out
E
Chip Enable
G
Output Enable
VCC
Power (+ 5V)
VSS
Ground
PIN CONFIGURATIONS
NC
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VCC
NC
A8
A9
A11
G
W
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A10
E
DQ7
DQ6
DQ5
DQ4
DQ3
28 - 300 PDIP
28 - 600 PDIP
28 - 350 SOIC


Similar Part No. - STK15C68-WF35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK15C68-W25 ETC-STK15C68-W25 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK15C68-W25I ETC-STK15C68-W25I Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK15C68-W35 ETC-STK15C68-W35 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK15C68-W35I ETC-STK15C68-W35I Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK15C68-W45 ETC-STK15C68-W45 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
More results

Similar Description - STK15C68-WF35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C68 SIMTEK-STK16C68 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com