Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14D88-NF35I Datasheet(PDF) 5 Page - Simtek Corporation

Part # STK14D88-NF35I
Description  32Kx8 Autostore nvSRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14D88-NF35I Datasheet(HTML) 5 Page - Simtek Corporation

  STK14D88-NF35I Datasheet HTML 1Page - Simtek Corporation STK14D88-NF35I Datasheet HTML 2Page - Simtek Corporation STK14D88-NF35I Datasheet HTML 3Page - Simtek Corporation STK14D88-NF35I Datasheet HTML 4Page - Simtek Corporation STK14D88-NF35I Datasheet HTML 5Page - Simtek Corporation STK14D88-NF35I Datasheet HTML 6Page - Simtek Corporation STK14D88-NF35I Datasheet HTML 7Page - Simtek Corporation STK14D88-NF35I Datasheet HTML 8Page - Simtek Corporation STK14D88-NF35I Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
STK14D88
5
February 2007
Document Control #ML0033 Rev 1.7
SRAM READ CYCLES #1 & #2
Note c: W must be high during SRAM READ cycles.
Note d: Device is continuously selected with E and G both low
Note e: Measured
± 200mV from steady state output voltage.
Note f:
HSB must remain high during READ and WRITE cycles.
SRAM READ CYCLE #1:
Address Controlledc,d,f
SRAM READ CYCLE #2:
E Controlledc,f
NO.
SYMBOLS
PARAMETER
STK14D88-25
STK14D88-35
STK14D88-45
UNITS
#1
#2
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
1
tELQV
tACS
Chip Enable Access Time
25
35
45
ns
2
tAVAVc
tAVAVc
tRC
Read Cycle Time
25
35
45
ns
3
tAVQVd
tAVQVd
tAA
Address Access Time
25
35
45
ns
4
tGLQV
tOE
Output Enable to Data Valid
12
15
20
ns
5
tAXQXd
tAXQXd
tOH
Output Hold after Address Change
3
3
3
ns
6
tELQX
tLZ
Chip Enable to Output Active
3
3
3
ns
7
tEHQZe
tHZ
Chip Disable to Output Inactive
10
13
15
ns
8
tGLQX
tOLZ
Output Enable to Output Active
0
0
0
ns
9
tGHQZe
tOHZ
Output Disable to Output Inactive
10
13
15
ns
10
tELICCHb
tPA
Chip Enable to Power Active
0
0
0
ns
11
tEHICCLb
tPS
Chip Disable to Power Standby
25
35
45
ns
DATA VALID
5
tAXQX
3
tAVQV
DQ (DATA OUT)
ADDRESS
2
tAVAV
6
tELQX
STANDBY
DATA VALID
4
tGLQV
DQ (DATA OUT)
E
ADDRESS
2
tAVAV
G
ICC
ACTIVE
10
tELICCH
11
tEHICCL
7
tEHQZ
8
tGLQX
1
tELQV
9
tGHQZ


Similar Part No. - STK14D88-NF35I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14D88-NF35I ETC-STK14D88-NF35I Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK14D88-NF35I SIMTEK-STK14D88-NF35I Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14D88-NF35ITR SIMTEK-STK14D88-NF35ITR Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
More results

Similar Description - STK14D88-NF35I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88 Datasheet
378Kb / 12P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com