Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14CA8-RF45 Datasheet(PDF) 8 Page - Simtek Corporation

Part # STK14CA8-RF45
Description  128Kx8 Autostore nvSRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14CA8-RF45 Datasheet(HTML) 8 Page - Simtek Corporation

Back Button STK14CA8-RF45 Datasheet HTML 4Page - Simtek Corporation STK14CA8-RF45 Datasheet HTML 5Page - Simtek Corporation STK14CA8-RF45 Datasheet HTML 6Page - Simtek Corporation STK14CA8-RF45 Datasheet HTML 7Page - Simtek Corporation STK14CA8-RF45 Datasheet HTML 8Page - Simtek Corporation STK14CA8-RF45 Datasheet HTML 9Page - Simtek Corporation STK14CA8-RF45 Datasheet HTML 10Page - Simtek Corporation STK14CA8-RF45 Datasheet HTML 11Page - Simtek Corporation STK14CA8-RF45 Datasheet HTML 12Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
February 2007
Document Control #ML0022 Rev 1.5
STK14CA8
SOFTWARE-CONTROLLED STORE/RECALL CYCLEl,m
Note l:
The software sequence is clocked with E controlled READs or G controlled READs
Note m: The six consecutive addresses must be read in the order listed in the Mode Selection Table. W must be high during all six consecutive cycles.
SOFTWARE STORE/RECALL CYCLE:
E CONTROLLEDm
SOFTWARE STORE/RECALL CYCLE:
G CONTROLLEDm
NO.
Symbols
PARAMETER
STK14CA8-35
STK14CA8-35
STK14CA8-45
UNITS
NOTES
E Cont
G Cont
Alternate
MIN
MAX
MIN
MAX
MIN
MAX
26
tAVAV
tAVAV
tRC
STORE
/RECALL Initiation Cycle Time
25
35
45
ns
m
27
tAVEL
tAVGL
tAS
Address Set-up Time
0
0
0
ns
28
tELEH
tGLGH
tCW
Clock Pulse Width
20
25
30
ns
29
tEHAX
tGHAX
Address Hold Time
1
1
1
ns
30
tRECALL
tRECALL
RECALL
Duration
50
50
50
μs
DQ (DATA)
G
E
26
tAVAV
DATA VALID
ADDRESS
ADDRESS #1
HIGH IMPEDENCE
27
tAVEL
29
tEHAX
28
tELEH
30
tRECALL
26
tAVAV
ADDRESS #6
23
tSTORE
DATA VALID
/
ADDRESS
E
G
DQ (DATA)
26
tAVAV
DATA VALID
ADDRESS #1
HIGH IMPEDENCE
29
tGHAX
30
tRECALL
26
tAVAV
ADDRESS #6
23
tSTORE
27
tAVGL
28
tGLGH
DATA VALID
/


Similar Part No. - STK14CA8-RF45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14CA8-RF45 ETC-STK14CA8-RF45 Datasheet
220Kb / 15P
   128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK14CA8-RF45 SIMTEK-STK14CA8-RF45 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14CA8-RF45 CYPRESS-STK14CA8-RF45 Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK14CA8-RF45I ETC-STK14CA8-RF45I Datasheet
220Kb / 15P
   128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK14CA8-RF45I SIMTEK-STK14CA8-RF45I Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
More results

Similar Description - STK14CA8-RF45

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK14CA8 CYPRESS-STK14CA8 Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14CA8 SIMTEK-STK14CA8_08 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com