Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14D88-NF45 Datasheet(PDF) 11 Page - Simtek Corporation

Part # STK14D88-NF45
Description  32Kx8 Autostore nvSRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14D88-NF45 Datasheet(HTML) 11 Page - Simtek Corporation

Back Button STK14D88-NF45 Datasheet HTML 7Page - Simtek Corporation STK14D88-NF45 Datasheet HTML 8Page - Simtek Corporation STK14D88-NF45 Datasheet HTML 9Page - Simtek Corporation STK14D88-NF45 Datasheet HTML 10Page - Simtek Corporation STK14D88-NF45 Datasheet HTML 11Page - Simtek Corporation STK14D88-NF45 Datasheet HTML 12Page - Simtek Corporation STK14D88-NF45 Datasheet HTML 13Page - Simtek Corporation STK14D88-NF45 Datasheet HTML 14Page - Simtek Corporation STK14D88-NF45 Datasheet HTML 15Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
STK14D88
11
February 2007
Document Control #ML0033 Rev 1.7
nvSRAM
The STK14D88 nvSRAM is made up of two func-
tional components paired in the same physical cell.
These are the SRAM memory cell and a nonvolatile
QuantumTrap cell. The SRAM memory cell operates
like a standard fast static RAM. Data in the SRAM
can be transferred to the nonvolatile cell (the
STORE operation), or from the nonvolatile cell to
SRAM (the RECALL operation). This unique archi-
tecture allows all cells to be stored and recalled in
parallel. During the STORE and RECALL operations
SRAM READ and WRITE operations are inhibited.
The STK14D88 supports unlimited read and writes
like a typical SRAM. In addition, it provides unlimited
RECALL operations from the nonvolatile cells and
up to 200K STORE operations.
SRAM READ
The STK14D88 performs a READ cycle whenever E
and G are low while W and HSB are high. The
address specified on pins A0-16 determine which of
the 32,768 data bytes will be accessed. When the
READ is initiated by an address transition, the out-
puts will be valid after a delay of tAVQV (READ cycle
#1). If the READ is initiated by E and G, the outputs
will be valid at tELQV or at tGLQV, whichever is later
(READ cycle #2). The data outputs will repeatedly
respond to address changes within the tAVQV
access time without the need for transitions on any
control input pins, and will remain valid until another
address change or until E or G is brought high, or W
and HSB is brought low.
SRAM WRITE
A WRITE cycle is performed whenever E and W are
low and HSB is high. The address inputs must be
stable prior to entering the WRITE cycle and must
remain stable until either E or W goes high at the
end of the cycle. The data on the common I/O pins
DQ0-7 will be written into memory if it is valid tDVWH
before the end of a W controlled WRITE or tDVEH
before the end of an E controlled WRITE.
It is recommended that G be kept high during the
entire WRITE cycle to avoid data bus contention on
common I/O lines. If G is left low, internal circuitry
will turn off the output buffers tWLQZ after W goes
low.
AutoStore OPERATION
The STK14D88 stores data to nvSRAM using one of
three storage operations. These three operations
are Hardware Store (activated by HSB), Software
Store (activated by an address sequence), and
AutoStore (on power down).
AutoStore operation is a unique feature of Simtek
QuanumTrap technology is enabled by default on
the STK14D88.
During normal operation, the device will draw cur-
rent from VCC to charge a capacitor connected to
the VCAP pin. This stored charge will be used by the
chip to perform a single STORE operation. If the
voltage on the VCC pin drops below VSWITCH, the
part will automatically disconnect the VCAP pin from
VCC. A STORE operation will be initiated with power
provided by the VCAP capacitor.
Figure 3 shows the proper connection of the storage
capacitor (VCAP) for automatic store operation.
Refer to the DC CHARACTERISTICS table for the
size of VCAP. The voltage on the VCAP pin is driven
to 5V by a charge pump internal to the chip. A pull
up should be placed on W to hold it inactive during
power up.
To reduce unneeded nonvolatile stores, AutoStore
and Hardware Store operations will be ignored
unless at least one WRITE operation has taken
place since the most recent STORE or RECALL
cycle. Software initiated STORE cycles are per-
formed regardless of whether a WRITE operation
nvSRAM OPERATION
Figure 3: AutoStore Mode
VCC
VCC
VCAP
W


Similar Part No. - STK14D88-NF45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14D88-NF45 ETC-STK14D88-NF45 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK14D88-NF45 SIMTEK-STK14D88-NF45 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
logo
List of Unclassifed Man...
STK14D88-NF45I ETC-STK14D88-NF45I Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK14D88-NF45I SIMTEK-STK14D88-NF45I Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14D88-NF45ITR SIMTEK-STK14D88-NF45ITR Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
More results

Similar Description - STK14D88-NF45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88 Datasheet
378Kb / 12P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com