Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U630H16D1C25G1 Datasheet(PDF) 10 Page - Simtek Corporation

Part # U630H16D1C25G1
Description  HardStore 2K x 8 nvSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

U630H16D1C25G1 Datasheet(HTML) 10 Page - Simtek Corporation

Back Button U630H16D1C25G1 Datasheet HTML 6Page - Simtek Corporation U630H16D1C25G1 Datasheet HTML 7Page - Simtek Corporation U630H16D1C25G1 Datasheet HTML 8Page - Simtek Corporation U630H16D1C25G1 Datasheet HTML 9Page - Simtek Corporation U630H16D1C25G1 Datasheet HTML 10Page - Simtek Corporation U630H16D1C25G1 Datasheet HTML 11Page - Simtek Corporation U630H16D1C25G1 Datasheet HTML 12Page - Simtek Corporation U630H16D1C25G1 Datasheet HTML 13Page - Simtek Corporation U630H16D1C25G1 Datasheet HTML 14Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
U630H16
10
March 31, 2006
STK Control #ML0036
Rev 1.0
No.
RECALL Cycle G-controlled
Symbol
Min.
Max.
Unit
Alt.
IEC
46
RECALL Cycle Time
tGLQXR
td(G)R
20
μs
47
RECALL Initiation Cycle Time
tGLNH
tw(G)R
25
ns
48
NE Setup
tNLGL
tsu(N)R
5ns
49
Write Enable Setup
tWHGL
tsu(W)R
5ns
50
Chip Enable Setup
tELGL
tsu(E)R
5ns
RECALL Cycle: G-controlledo, r
NE
G
W
E
DQi
Output
tsu(N)R
tsu(W)R
tsu(E)R
tw(G)R
td(G)R
High Impedance
(48)
(47)
(49)
(50)
(46)
m:
Measured with W and NE both returned HIGH, and G returned LOW. Note that STORE cycles are inhibited/aborted by VCC < VSWITCH
(STORE inhibit).
n:
Once tw(W)S has been satisfied by NE, G, W and E, the STORE cycle is completed automatically. Any of NE, G, W and E may be used to
terminate the STORE initiation cycle.
o:
If E is LOW for any period of time in which W is HIGH while G and NE are LOW, than a RECALL cycle may be initiated.
For E-controlled STORE during tw(E)S W, G, NE have to be static.
p:
Measured with W and NE both HIGH, and G and E LOW.
q:
Once tw(N)R has been satisfied by NE, G, W and E, the RECALL cycle is completed automatically. Any of NE, G or E may be used to
terminate the RECALL initiation cycle.
r:
If W is LOW at any point in which both E and NE are LOW and G is HIGH, than a STORE cycle will be initiated instead of a RECALL.


Similar Part No. - U630H16D1C25G1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U630H16D1C25G1 ETC-U630H16D1C25G1 Datasheet
212Kb / 14P
   HARDSTORE 2K X 8 NVSRAM
More results

Similar Description - U630H16D1C25G1

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U630H16P SIMTEK-U630H16P Datasheet
178Kb / 17P
   HardStore 2K x 8 nvSRAM
U630H16PA35 SIMTEK-U630H16PA35 Datasheet
324Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U630H16 ETC-U630H16 Datasheet
212Kb / 14P
   HARDSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U630H16XS SIMTEK-U630H16XS Datasheet
243Kb / 16P
   HardStore 2K x 8 nvSRAM Die
logo
List of Unclassifed Man...
U630H64 ETC1-U630H64 Datasheet
210Kb / 14P
   HardStore 8K x 8 nvSRAM
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com