Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U630H16PC35G1 Datasheet(PDF) 9 Page - Simtek Corporation

Part # U630H16PC35G1
Description  HardStore 2K x 8 nvSRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

U630H16PC35G1 Datasheet(HTML) 9 Page - Simtek Corporation

Back Button U630H16PC35G1 Datasheet HTML 5Page - Simtek Corporation U630H16PC35G1 Datasheet HTML 6Page - Simtek Corporation U630H16PC35G1 Datasheet HTML 7Page - Simtek Corporation U630H16PC35G1 Datasheet HTML 8Page - Simtek Corporation U630H16PC35G1 Datasheet HTML 9Page - Simtek Corporation U630H16PC35G1 Datasheet HTML 10Page - Simtek Corporation U630H16PC35G1 Datasheet HTML 11Page - Simtek Corporation U630H16PC35G1 Datasheet HTML 12Page - Simtek Corporation U630H16PC35G1 Datasheet HTML 13Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
U630H16P
9
March 31, 2006
STK Control #ML0037
Rev 1.0
RECALL Cycles
No.
RECALL Cycle NE-controlled
Symbol
Min.
Max.
Unit
Alt.
IEC
35
RECALL Cycle Timep
tNLQX
td(N)R
20
μs
36
RECALL Initiation Cycle Timeq
tNLNH
tw(N)R
25
ns
37
Output Enable Setup
tGLNL
tsu(G)R
5ns
38
Write Enable Setup
tWHNL
tsu(W)R
5ns
39
Chip Enable Setup
tELNL
tsu(E)R
5ns
40
NE Fall to Output Inactive
tNLQZ
tdis(N)R
25
ns
RECALL Cycle: NE-controlledo
tw(N)R (36)
NE
G
W
E
DQi
Output
tsu(G)R
tsu(W)R
tsu(E)R
td(N)R
tdis(N)R
(37)
(38)
(40)
(35)
(39)
High Impedance
No.
RECALL Cycle E-controlled
Symbol
Min.
Max.
Unit
Alt.
IEC
41
RECALL Cycle Time
tELQXR
td(E)R
20
μs
42
RECALL Initiation Cycle Time
tELNHR
tw(E)R
25
ns
43
NE Setup
tNLEL
tsu(N)R
5ns
44
Output Enable Setup
tGLEL
tsu(G)R
5ns
45
Write Enable Setup
tWHEL
tsu(W)R
5ns
RECALL Cycle: E-controlledo
NE
G
W
E
DQi
Output
tsu(N)R
tsu(G)R
tsu(W)R
tw(E)R
td(E)R
High Impedance
(41)
(42)
(43)
(45)
(44)


Similar Part No. - U630H16PC35G1

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U630H16PA35 SIMTEK-U630H16PA35 Datasheet
324Kb / 15P
   HardStore 2K x 8 nvSRAM
More results

Similar Description - U630H16PC35G1

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
U630H16PA35 SIMTEK-U630H16PA35 Datasheet
324Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U630H16 ETC-U630H16 Datasheet
212Kb / 14P
   HARDSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U630H16XS SIMTEK-U630H16XS Datasheet
243Kb / 16P
   HardStore 2K x 8 nvSRAM Die
logo
List of Unclassifed Man...
U630H64 ETC1-U630H64 Datasheet
210Kb / 14P
   HardStore 8K x 8 nvSRAM
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com