Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK17T88-RF45 Datasheet(PDF) 6 Page - Simtek Corporation

Part # STK17T88-RF45
Description  32K x 8 AutoStore nvSRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK17T88-RF45 Datasheet(HTML) 6 Page - Simtek Corporation

Back Button STK17T88-RF45 Datasheet HTML 2Page - Simtek Corporation STK17T88-RF45 Datasheet HTML 3Page - Simtek Corporation STK17T88-RF45 Datasheet HTML 4Page - Simtek Corporation STK17T88-RF45 Datasheet HTML 5Page - Simtek Corporation STK17T88-RF45 Datasheet HTML 6Page - Simtek Corporation STK17T88-RF45 Datasheet HTML 7Page - Simtek Corporation STK17T88-RF45 Datasheet HTML 8Page - Simtek Corporation STK17T88-RF45 Datasheet HTML 9Page - Simtek Corporation STK17T88-RF45 Datasheet HTML 10Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
March 2007
Document Control #ML0024 Rev 1.7
STK17T88
SRAM READ CYCLES #1 & #2
Note c: W must be high during SRAM READ cycles.
Note d: Device is continuously selected with E and G both low
Note e: Measured
± 200mV from steady state output voltage.
Note f: HSB must remain high during READ and WRITE cycles.
SRAM READ CYCLE #1:
Address Controlledc,d,f
SRAM READ CYCLE #2:
E Controlleda,f
NO.
SYMBOLS
PARAMETER
STK17T88-25
STK17T88-45
UNITS
#1
#2
Alt.
MIN
MAX
MIN
MAX
1
tELQV
tACS
Chip Enable Access Time
25
45
ns
2
tAVAVc
tAVAVe
tRC
Read Cycle Time
25
45
ns
3
tAVQVd
tAVQVf
tAA
Address Access Time
25
45
ns
4
tGLQV
tOE
Output Enable to Data Valid
12
20
ns
5
tAXQXd
tAXQX
tOH
Output Hold after Address Change
3
3
ns
6
tELQX
tLZ
Chip Enable to Output Active
3
3
ns
7
tEHQZ
tHZ
Chip Disable to Output Inactive
10
15
ns
8
tGLQX
tOLZ
Output Enable to Output Active
0
0
ns
9
tGHQZe
tOHZ
Output Disable to Output Inactive
10
15
ns
10
tELICCLc
tPA
Chip Enable to Power Active
0
0
ns
11
tEHICCHc
tPS
Chip Disable to Power Standby
25
45
ns
DATA VALID
5
t AXQX
3
t AVQV
DQ (DATA OUT)
ADDRESS
2
t AVAV
6
tELQ X
ST AND BY
DAT A VAL ID
4
tGL QV
DQ (D ATA OUT)
E
ADDR ESS
2
tAVAV
G
ICC
AC T IVE
10
tELI CC H
11
tEHI CC L
7
tEHQ Z
8
tGL QX
1
tEL Q V
9
tGH Q Z


Similar Part No. - STK17T88-RF45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK17T88-RF45 SIMTEK-STK17T88-RF45 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
STK17T88-RF45 CYPRESS-STK17T88-RF45 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17T88-RF45I SIMTEK-STK17T88-RF45I Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
STK17T88-RF45I CYPRESS-STK17T88-RF45I Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17T88-RF45ITR SIMTEK-STK17T88-RF45ITR Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
More results

Similar Description - STK17T88-RF45

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK14C88-3 ETC-STK14C88-3 Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com