Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U632H64 Datasheet(PDF) 8 Page - Simtek Corporation

Part # U632H64
Description  PowerStore 8K x 8 nvSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

U632H64 Datasheet(HTML) 8 Page - Simtek Corporation

Back Button U632H64 Datasheet HTML 4Page - Simtek Corporation U632H64 Datasheet HTML 5Page - Simtek Corporation U632H64 Datasheet HTML 6Page - Simtek Corporation U632H64 Datasheet HTML 7Page - Simtek Corporation U632H64 Datasheet HTML 8Page - Simtek Corporation U632H64 Datasheet HTML 9Page - Simtek Corporation U632H64 Datasheet HTML 10Page - Simtek Corporation U632H64 Datasheet HTML 11Page - Simtek Corporation U632H64 Datasheet HTML 12Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
U632H64
8
August 15, 2006
STK Control #ML0047
Rev 1.1
PowerStore and automatic Power Up RECALL
Hardware Controlled STORE
DQi
Output
Previous Data Valid
HSB
ten(H)S
Data Valid
tdis(H)S
p: tPDSTORE approximate td(E)S or td(H)S; tDELAY approximate tdis(H)S.
q: After tw(H)S HSB is hold down internal by STORE operation.
r:
An automatic RECALL also takes place at power up, starting when VCC exceeds VSWITCH and takes tRESTORE. VCC must not drop below
VSWITCH once it has been exceeded for the RECALL to function properly.
s: Once the software controlled STORE or RECALL cycle is initiated, it completes automatically, ignoring all inputs.
t:
Noise on the E pin may trigger multiple READ cycles from the same address and abort the address sequence.
No.
Software Controlled STORE/
RECALL Cycle
Symbol
Unit
Alt.
IEC
Min. Max.
29 STORE/RECALL Initiation Time
tAVAV
tcR
25
ns
30 Chip Enable to Output Inactives
tELQZ
tdis(E)SR
600
ns
31 STORE Cycle Time
tELQXS
td(E)S
10
ms
32 RECALL Cycle Timer
tELQXR
td(E)R
20
μs
33 Address Setup to Chip Enable
tAVELN
tsu(A)SR
0ns
34 Chip Enable Pulse Widths, t
tELEHN
tw(E)SR
20
ns
35 Chip Disable to Address Change
tEHAXN
th(A)SR
0ns
tw(H)Sq (28)
(26)
(27)
High Impedance
VCAP
5.0 V
t
PowerStore
Power Up
VSWITCH
W
DQi
POWER UP
RECALL
BROWN OUT
tRESTORE
tRESTORE
BROWN OUT
PowerStore
(NO S RAM WRITES)
RECALL
(24)
(24)
NO STORE
tPDSTOREp
tDELAYp
(25)
td(H)S


Similar Part No. - U632H64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U632H64 ETC1-U632H64 Datasheet
214Kb / 15P
   PowerStore 8K x 8 nvSRAM
More results

Similar Description - U632H64

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U635H64 SIMTEK-U635H64 Datasheet
138Kb / 14P
   PowerStore 8K x 8 nvSRAM
logo
List of Unclassifed Man...
U632H64 ETC1-U632H64 Datasheet
214Kb / 15P
   PowerStore 8K x 8 nvSRAM
logo
Simtek Corporation
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U632H16 ETC1-U632H16 Datasheet
213Kb / 15P
   PowerStore 2K x 8 nvSRAM
logo
Simtek Corporation
U635H16 SIMTEK-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
U635H256 SIMTEK-U635H256 Datasheet
258Kb / 14P
   PowerStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U635H16 ETC1-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
logo
Zentrum Mikroelektronik...
U634H256 ZMD-U634H256 Datasheet
248Kb / 14P
   POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256XS SIMTEK-U634H256XS Datasheet
256Kb / 17P
   PowerStore 32K x 8 nvSRAM Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com