Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U635H16 Datasheet(PDF) 9 Page - Simtek Corporation

Part # U635H16
Description  PowerStore 2K x 8 nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

U635H16 Datasheet(HTML) 9 Page - Simtek Corporation

Back Button U635H16 Datasheet HTML 5Page - Simtek Corporation U635H16 Datasheet HTML 6Page - Simtek Corporation U635H16 Datasheet HTML 7Page - Simtek Corporation U635H16 Datasheet HTML 8Page - Simtek Corporation U635H16 Datasheet HTML 9Page - Simtek Corporation U635H16 Datasheet HTML 10Page - Simtek Corporation U635H16 Datasheet HTML 11Page - Simtek Corporation U635H16 Datasheet HTML 12Page - Simtek Corporation U635H16 Datasheet HTML 13Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
U635H16
9
March 31, 2006
STK Control #ML0050
Rev 1.0
u:
W must be HIGH when E is LOW during the address sequence in order to initiate a nonvolatile cycle. G may be either HIGH or LOW
throughout. Addresses 1 through 6 are found in the mode selection table. Address 6 determines whether the U635H16 performs a STORE
or RECALL.
v:
E must be used to clock in the address sequence for the software controlled STORE and RECALL cycles.
Ai
E
DQi
Output
tcR
tw(E)SR
ADDRESS 1
VALID
Software Controlled STORE/RECALL Cycles, t, u, v (E = HIGH after STORE initiation)
ADDRESS 6
(27)
(27)
th(A)SR
(33)
(32)
tsu(A)SR
(31)
Ai
E
DQi
Output
tcR
tw(E)SR
ADDRESS 1
VALID
ADDRESS 6
td(E)S (29)
(30)
(27)
th(A)SR
(33)
(32)
tsu(A)SR (31)
tdis(E)SR (28)
th(A)SR
(33)
tsu(A)SR
(31)
tw(E)SR
th(A)SR
(33)
(32)
tsu(A)SR
(31)
(5)
tdis(E)
Software Controlled STORE/RECALL Cycles, t, u, v (E = LOW after STORE initiation)
tdis(E)SR (28)
VALID
High Impedance
High Impedance
td(E)S
(29)
(30)
VALID
td(E)R
td(E)R
tcR


Similar Part No. - U635H16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U635H16 ETC1-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
More results

Similar Description - U635H16

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U632H16 ETC1-U632H16 Datasheet
213Kb / 15P
   PowerStore 2K x 8 nvSRAM
U635H16 ETC1-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
logo
Simtek Corporation
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
   PowerStore 8K x 8 nvSRAM
U635H64 SIMTEK-U635H64 Datasheet
138Kb / 14P
   PowerStore 8K x 8 nvSRAM
U635H256 SIMTEK-U635H256 Datasheet
258Kb / 14P
   PowerStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U632H64 ETC1-U632H64 Datasheet
214Kb / 15P
   PowerStore 8K x 8 nvSRAM
logo
Zentrum Mikroelektronik...
U634H256 ZMD-U634H256 Datasheet
248Kb / 14P
   POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256XS SIMTEK-U634H256XS Datasheet
256Kb / 17P
   PowerStore 32K x 8 nvSRAM Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com