Electronic Components Datasheet Search |
|
STK12C68-CF35I Datasheet(PDF) 11 Page - Simtek Corporation |
|
STK12C68-CF35I Datasheet(HTML) 11 Page - Simtek Corporation |
11 / 20 page 11 STK12C68 (SMD5962-94599) February 2007 Document Control #ML0008 Rev 0.7 HSB OPERATION The STK12C68 provides the HSB pin for controlling and acknowledging the STORE operations. The HSB pin is used to request a hardware STORE cycle. When the HSB pin is driven low, the STK12C68 will conditionally initiate a STORE operation after t DELAY; an actual STORE cycle will only begin if a WRITE to the SRAM took place since the last STORE or RECALL cycle. The HSB pin acts as an open drain driver that is internally driven low to indicate a busy condition while the STORE (initiated by any means) is in progress. SRAM READ and WRITE operations that are in progress when HSB is driven low by any means are given time to complete before the STORE operation is initiated. After HSB goes low, the STK12C68 will continue SRAM operations for t DELAY. During tDELAY, multiple SRAM READ operations may take place. If a WRITE is in progress when HSB is pulled low it will be allowed a time, t DELAY, to complete. However, any SRAM WRITE cycles requested after HSB goes low will be inhibited until HSB returns high. The HSB pin can be used to synchronize multiple STK12C68s while using a single larger capacitor. To operate in this mode the HSB pin should be con- nected together to the HSB pins from the other STK12C68s. An external pull-up resistor to + 5V is required since HSB acts as an open drain pull down. The V CAP pins from the other STK12C68 parts can be tied together and share a single capacitor. The capacitor size must be scaled by the number of devices connected to it. When any one of the STK12C68s detects a power loss and asserts HSB, the common HSB pin will cause all parts to request a STORE cycle (a STORE will take place in those STK12C68s that have been written since the last nonvolatile cycle). During any STORE operation, regardless of how it was initiated, the STK12C68 will continue to drive the HSB pin low, releasing it only when the STORE is complete. Upon completion of the STORE operation the STK12C68 will remain disabled until the HSB pin returns high. If HSB is not used, it should be left unconnected. PREVENTING STORES The STORE function can be disabled on the fly by holding HSB high with a driver capable of sourcing 30mA at a V OH of at least 2.2V, as it will have to overpower the internal pull-down device that drives HSB low for 20 μs at the onset of a STORE. When the STK12C68 is connected for AutoStore operation (system V CC connected to VCCX and a 68 μF capacitor on V CAP) and VCC crosses VSWITCH on the way down, the STK12C68 will attempt to pull HSB low; if HSB doesn’t actually get below V IL, the part will stop try- ing to pull HSB low and abort the STORE attempt. HARDWARE PROTECT The STK12C68 offers hardware protection against inadvertent STORE operation and SRAM WRITEs dur- ing low-voltage conditions. When V CAP < VSWITCH, all externally initiated STORE operations and SRAM WRITE s are inhibited. AutoStore can be completely disabled by tying V CCX to ground and applying + 5V to V CAP . This is the AutoStore Inhibit mode; in this mode, STOREs are only initiated by explicit request using either the software sequence or the HSB pin. LOW AVERAGE ACTIVE POWER The STK12C68 draws significantly less current when it is cycled at times longer than 50ns. Figure 5 shows the relationship between I CC and READ cycle time. Worst-case current consumption is shown for both CMOS and TTL input levels (commercial tem- perature range, V CC = 5.5V, 100% duty cycle on chip enable). Figure 6 shows the same relationship for WRITE cycles. If the chip enable duty cycle is less than 100%, only standby current is drawn when the chip is disabled. The overall average current drawn by the STK12C68 depends on the following items: 1) CMOS vs. TTL input levels; 2) the duty cycle of chip enable; 3) the overall cycle rate for accesses; 4) the ratio of READs to WRITEs; 5) the operating temperature; 6) the Vcc level; and 7) I/O loading. |
Similar Part No. - STK12C68-CF35I |
|
Similar Description - STK12C68-CF35I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |