Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U632H64S2K25G1 Datasheet(PDF) 1 Page - Simtek Corporation

Part # U632H64S2K25G1
Description  PowerStore 8K x 8 nvSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

U632H64S2K25G1 Datasheet(HTML) 1 Page - Simtek Corporation

  U632H64S2K25G1 Datasheet HTML 1Page - Simtek Corporation U632H64S2K25G1 Datasheet HTML 2Page - Simtek Corporation U632H64S2K25G1 Datasheet HTML 3Page - Simtek Corporation U632H64S2K25G1 Datasheet HTML 4Page - Simtek Corporation U632H64S2K25G1 Datasheet HTML 5Page - Simtek Corporation U632H64S2K25G1 Datasheet HTML 6Page - Simtek Corporation U632H64S2K25G1 Datasheet HTML 7Page - Simtek Corporation U632H64S2K25G1 Datasheet HTML 8Page - Simtek Corporation U632H64S2K25G1 Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
U632H64
1
August 15, 2006
STK Control #ML0047
Rev 1.1
PowerStore 8K x 8 nvSRAM
Pin Configuration
Pin Description
Top View
1
VCAP
VCCX
28
2
A12
W
27
4
A6
A8
25
5
A5
A9
24
3
A7
HSB
26
6
A4
A11
23
7
A3
G
22
8
A2
A10
21
12
DQ1
DQ5
17
9
A1
E
20
10
A0
DQ7
19
11
DQ0
DQ6
18
13
DQ2
DQ4
16
14
VSS
DQ3
15
SOP
Signal Name
Signal Description
A0 - A12
Address Inputs
DQ0 - DQ7
Data In/Out
E
Chip Enable
G
Output Enable
W
Write Enable
VCCX
Power Supply Voltage
VSS
Ground
VCAP
Capacitor
HSB
Hardware Controlled Store/Busy
The U632H64 has two separate
modes of operation: SRAM mode
and nonvolatile mode. In SRAM
mode, the memory operates as an
ordinary static RAM. In nonvolatile
operation, data is transferred in
parallel from SRAM to EEPROM or
from EEPROM to SRAM. In this
mode SRAM functions are disab-
led.
The U632H64 is a fast static RAM
(25 ns), with a nonvolatile electri-
cally erasable PROM (EEPROM)
element incorporated in each static
memory cell. The SRAM can be
read and written an unlimited num-
ber of times, while independent
nonvolatile
data
resides
in
EEPROM. Data transfers from the
SRAM
to
the
EEPROM
(the
STORE operation) take place auto-
matically upon power down using
charge stored in an external 100
μF capacitor. Transfers from the
EEPROM to the SRAM (the
RECALL operation) take place
automatically on power up. The
U632H64 combines the high per-
formance and ease of use of a fast
SRAM with nonvolatile data inte-
grity.
STORE cycles also may be initia-
ted under user control via a soft-
ware sequence or via a single pin
(HSB).
Once a STORE cycle is initiated,
further input or output are disabled
until the cycle is completed.
Because a sequence of addresses
is used for STORE initiation, it is
important that no other read or
write accesses intervene in the
sequence or the sequence will be
aborted.
RECALL cycles may also be initia-
ted by a software sequence.
Internally, RECALL is a two step
procedure. First, the SRAM data is
cleared and second, the nonvola-
tile information is transferred into
the SRAM cells.
The RECALL operation in no way
alters the data in the EEPROM
cells. The nonvolatile data can be
recalled an unlimited number of
times.
Features
Description
High-performance CMOS non-
volatile static RAM 8192 x 8 bits
25 ns Access Time
12 ns Output Enable Access
Time
ICC = 15 mA at 200 ns Cycle
Time
Automatic STORE to EEPROM
on Power Down using external
capacitor
Hardware or Software initiated
STORE
(STORE Cycle Time < 10 ms)
Automatic STORE Timing
105 STORE cycles to EEPROM
10 years data retention in
EEPROM
Automatic RECALL on Power Up
Software RECALL Initiation
(RECALL Cycle Time < 20
μs)
Unlimited RECALL cycles from
EEPROM
Single 5 V
± 10 % Operation
Operating temperature ranges:
0 to 70
°C
-40 to 85
°C
QS 9000 Quality Standard
ESD characterization according
MIL STD 883C M3015.7-HB
(classification see IC Code
Numbers)
RoHS compliance and Pb- free
Package: SOP28 (330 mil)
Not Recommended For New Designs


Similar Part No. - U632H64S2K25G1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U632H64 ETC1-U632H64 Datasheet
214Kb / 15P
   PowerStore 8K x 8 nvSRAM
More results

Similar Description - U632H64S2K25G1

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U635H64 SIMTEK-U635H64 Datasheet
138Kb / 14P
   PowerStore 8K x 8 nvSRAM
logo
List of Unclassifed Man...
U632H64 ETC1-U632H64 Datasheet
214Kb / 15P
   PowerStore 8K x 8 nvSRAM
logo
Simtek Corporation
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U632H16 ETC1-U632H16 Datasheet
213Kb / 15P
   PowerStore 2K x 8 nvSRAM
logo
Simtek Corporation
U635H16 SIMTEK-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
U635H256 SIMTEK-U635H256 Datasheet
258Kb / 14P
   PowerStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U635H16 ETC1-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
logo
Zentrum Mikroelektronik...
U634H256 ZMD-U634H256 Datasheet
248Kb / 14P
   POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256XS SIMTEK-U634H256XS Datasheet
256Kb / 17P
   PowerStore 32K x 8 nvSRAM Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com