Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UL635H256SC35G1 Datasheet(PDF) 5 Page - Simtek Corporation

Part # UL635H256SC35G1
Description  Low Voltage PowerStore 32K x 8 nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

UL635H256SC35G1 Datasheet(HTML) 5 Page - Simtek Corporation

  UL635H256SC35G1 Datasheet HTML 1Page - Simtek Corporation UL635H256SC35G1 Datasheet HTML 2Page - Simtek Corporation UL635H256SC35G1 Datasheet HTML 3Page - Simtek Corporation UL635H256SC35G1 Datasheet HTML 4Page - Simtek Corporation UL635H256SC35G1 Datasheet HTML 5Page - Simtek Corporation UL635H256SC35G1 Datasheet HTML 6Page - Simtek Corporation UL635H256SC35G1 Datasheet HTML 7Page - Simtek Corporation UL635H256SC35G1 Datasheet HTML 8Page - Simtek Corporation UL635H256SC35G1 Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
UL635H256
5
March 31, 2006
STK Control #ML0059
Rev 1.0
Read Cycle 1: Ai-controlled (during Read cycle: E = G = VIL, W = VIH)
f
No.
Switching Characteristics
Write Cycle
Symbol
35
45
Unit
Alt. #1
Alt. #2
IEC
Min.
Max.
Min.
Max.
12 Write Cycle Time
tAVAV
tAVAV
tcW
35
45
ns
13 Write Pulse Width
tWLWH
tw(W)
25
30
ns
14 Write Pulse Width Setup Time
tWLEH
tsu(W)
25
30
ns
15 Address Setup Time
tAVWL
tAVEL
tsu(A)
00
ns
16 Address Valid to End of Write
tAVWH
tAVEH tsu(A-WH)
25
30
ns
17 Chip Enable Setup Time
tELWH
tsu(E)
25
30
ns
18 Chip Enable to End of Write
tELEH
tw(E)
25
30
ns
19 Data Setup Time to End of Write
tDVWH
tDVEH
tsu(D)
12
15
ns
20 Data Hold Time after End of Write
tWHDX
tEHDX
th(D)
00
ns
21 Address Hold after End of Write
tWHAX
tEHAX
th(A)
00
ns
22 W LOW to Output in High-Zh, i
tWLQZ
tdis(W)
13
15
ns
23 W HIGH to Output in Low-Z
tWHQX
ten(W)
55
ns
Read Cycle 2: G-, E-controlled (during Read cycle: W = VIH)
g
ta(A)
Previous Data Valid
Output Data Valid
tcR
Address Valid
tv(A)
Ai
DQi
Output
(1)
(2)
(9)
Ai
E
G
DQi
Output
tdis(E)
tcR
ta(E)
ten(E)
ten(G)
ta(G)
tdis(G)
Output Data Valid
High Impedance
ICC
ACTIVE
STANDBY
tPD
tPU
(1)
(3)
(4)
(5)
(7)
(6)
(8)
(10)
(11)
ta(A) (2)
Address Valid
DQi
Output


Similar Part No. - UL635H256SC35G1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UL635H256 ETC-UL635H256 Datasheet
211Kb / 13P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
More results

Similar Description - UL635H256SC35G1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UL634H256 ETC-UL634H256 Datasheet
232Kb / 14P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
UL635H256 ETC-UL635H256 Datasheet
211Kb / 13P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
UL634H256 SIMTEK-UL634H256 Datasheet
350Kb / 15P
   Low Voltage PowerStore 32K x 8 nvSRAM
U635H256 SIMTEK-U635H256 Datasheet
258Kb / 14P
   PowerStore 32K x 8 nvSRAM
logo
Zentrum Mikroelektronik...
U634H256 ZMD-U634H256 Datasheet
248Kb / 14P
   POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256XS SIMTEK-U634H256XS Datasheet
256Kb / 17P
   PowerStore 32K x 8 nvSRAM Die
logo
Cypress Semiconductor
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
logo
Simtek Corporation
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
   PowerStore 8K x 8 nvSRAM
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com