Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UL631H256SK45 Datasheet(PDF) 6 Page - Simtek Corporation

Part # UL631H256SK45
Description  SimtekLow Voltage SoftStore 32K x 8 nvSRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

UL631H256SK45 Datasheet(HTML) 6 Page - Simtek Corporation

Back Button UL631H256SK45 Datasheet HTML 2Page - Simtek Corporation UL631H256SK45 Datasheet HTML 3Page - Simtek Corporation UL631H256SK45 Datasheet HTML 4Page - Simtek Corporation UL631H256SK45 Datasheet HTML 5Page - Simtek Corporation UL631H256SK45 Datasheet HTML 6Page - Simtek Corporation UL631H256SK45 Datasheet HTML 7Page - Simtek Corporation UL631H256SK45 Datasheet HTML 8Page - Simtek Corporation UL631H256SK45 Datasheet HTML 9Page - Simtek Corporation UL631H256SK45 Datasheet HTML 10Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
UL631H256
6
March 31, 2006
STK Control #ML0057
Rev 1.0
L- to H-level
undefined
H- to L-level
i:
If W is low and when E goes low, the outputs remain in the high impedance state.
j:
E or W must be > VIH during address transitions.
Write Cycle #1: W-controlledj
Write Cycle #2: E-controlledj
th(D)
tcW
tsu(E)
th(A)
tw(W)
tsu(D)
tdis(W)
ten(W)
Address Valid
Input Data Valid
High Impedance
tsu(A-WH)
(12)
(16)
(13)
(19)
(20)
(23)
(21)
Previous Data
tsu(A)
Ai
E
W
DQi
Input
DQi
Output
tsu(A)
th(D)
tcW
tw(E)
th(A)
tsu(D)
Input Data Valid
tsu(W)
(12)
(18)
(21)
(20)
(19)
High Impedance
Address Valid
Ai
E
W
DQi
Input
DQi
Output
(17)
(15)
(12)
(15)
(14)


Similar Part No. - UL631H256SK45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UL631H256SK45 ETC1-UL631H256SK45 Datasheet
202Kb / 12P
   Low Voltage SoftStore 32K x 8 nvSRAM
UL631H256SK45G1 ETC1-UL631H256SK45G1 Datasheet
202Kb / 12P
   Low Voltage SoftStore 32K x 8 nvSRAM
More results

Similar Description - UL631H256SK45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
UL631H256 ETC1-UL631H256 Datasheet
202Kb / 12P
   Low Voltage SoftStore 32K x 8 nvSRAM
logo
Simtek Corporation
U631H256XS SIMTEK-U631H256XS Datasheet
225Kb / 15P
   SoftStore 32K x 8 nvSRAM Die
logo
Cypress Semiconductor
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
   SoftStore 8K x 8 nvSRAM
UL635H256 SIMTEK-UL635H256 Datasheet
187Kb / 14P
   Low Voltage PowerStore 32K x 8 nvSRAM
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com