Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UL631H256S2K45 Datasheet(PDF) 7 Page - Simtek Corporation

Part # UL631H256S2K45
Description  SimtekLow Voltage SoftStore 32K x 8 nvSRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

UL631H256S2K45 Datasheet(HTML) 7 Page - Simtek Corporation

Back Button UL631H256S2K45 Datasheet HTML 3Page - Simtek Corporation UL631H256S2K45 Datasheet HTML 4Page - Simtek Corporation UL631H256S2K45 Datasheet HTML 5Page - Simtek Corporation UL631H256S2K45 Datasheet HTML 6Page - Simtek Corporation UL631H256S2K45 Datasheet HTML 7Page - Simtek Corporation UL631H256S2K45 Datasheet HTML 8Page - Simtek Corporation UL631H256S2K45 Datasheet HTML 9Page - Simtek Corporation UL631H256S2K45 Datasheet HTML 10Page - Simtek Corporation UL631H256S2K45 Datasheet HTML 11Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
UL631H256
7
March 31, 2006
STK Control #ML0057
Rev 1.0
Nonvolatile Memory Operations
No.
STORE Cycle Inhibit and
Automatic Power Up RECALL
Symbol
Min.
Max.
Unit
Alt.
IEC
24 Power Up RECALL Durationk
tRESTORE
650
μs
Low Voltage Trigger Level
VSWITCH
2.4
2.7
V
k: tRESTORE starts from the time VCC rises above VSWITCH.
STORE Cycle Inhibit and Automatic Power Up RECALL
Software Mode Selection
E
W
A13 - A0
(hex)
Mode
I/O
Power
Notes
L
H
0E38
31C7
03E0
3C1F
303F
0FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile STORE
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
ICC2
l, m
l, m
l, m
l, m
l, m
l, m
L
H
0E38
31C7
03E0
3C1F
303F
0C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile RECALL
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
l, m
l, m
l, m
l, m
l, m
l, m
l:
The six consecutive addresses must be in order listed. W must be high during all six consecutive cycles. See STORE cycle and RECALL
cycle tables and diagrams for further details.
The following six-address sequence is used for testing purposes and should not be used: 0E38, 31C7, 03E0, 3C1F, 303F, 339C.
m: While there are 15 addresses on the UL631H256, only the lower 14 are used to control software modes.
VCC
3.0 V
STORE inhibit
Power Up
VSWITCH
tRESTORE
RECALL
(24)
t


Similar Part No. - UL631H256S2K45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UL631H256S2K45 ETC1-UL631H256S2K45 Datasheet
202Kb / 12P
   Low Voltage SoftStore 32K x 8 nvSRAM
UL631H256S2K45G1 ETC1-UL631H256S2K45G1 Datasheet
202Kb / 12P
   Low Voltage SoftStore 32K x 8 nvSRAM
More results

Similar Description - UL631H256S2K45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
UL631H256 ETC1-UL631H256 Datasheet
202Kb / 12P
   Low Voltage SoftStore 32K x 8 nvSRAM
logo
Simtek Corporation
U631H256XS SIMTEK-U631H256XS Datasheet
225Kb / 15P
   SoftStore 32K x 8 nvSRAM Die
logo
Cypress Semiconductor
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
   SoftStore 8K x 8 nvSRAM
UL635H256 SIMTEK-UL635H256 Datasheet
187Kb / 14P
   Low Voltage PowerStore 32K x 8 nvSRAM
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com