Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U635H64BS2C45 Datasheet(PDF) 11 Page - Simtek Corporation

Part # U635H64BS2C45
Description  PowerStore 8K x 8 nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

U635H64BS2C45 Datasheet(HTML) 11 Page - Simtek Corporation

Back Button U635H64BS2C45 Datasheet HTML 6Page - Simtek Corporation U635H64BS2C45 Datasheet HTML 7Page - Simtek Corporation U635H64BS2C45 Datasheet HTML 8Page - Simtek Corporation U635H64BS2C45 Datasheet HTML 9Page - Simtek Corporation U635H64BS2C45 Datasheet HTML 10Page - Simtek Corporation U635H64BS2C45 Datasheet HTML 11Page - Simtek Corporation U635H64BS2C45 Datasheet HTML 12Page - Simtek Corporation U635H64BS2C45 Datasheet HTML 13Page - Simtek Corporation U635H64BS2C45 Datasheet HTML 14Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
U635H64
11
March 31, 2006
STK Control #ML0052
Rev 1.0
Device Operation
The U635H64 has two separate modes of operation:
SRAM mode and nonvolatile mode. In SRAM mode,
the memory operates as a standard fast static RAM. In
nonvolatile mode, data is transferred from SRAM to
EEPROM (the STORE operation) or from EEPROM to
SRAM (the RECALL operation). In this mode SRAM
functions are disabled.
STORE cycles may be initiated under user control via a
software sequence and are also automatically initiated
when the power supply voltage level of the chip falls
below VSWITCH. RECALL operations are automatically
initiated upon power up and may occur also when VCC
rises above VSWITCH after a low power condition.
RECALL cycles may also be initiated by a software
sequence.
SRAM READ
The U635H64 performs a READ cycle whenever E and
G are LOW and W are HIGH. The address specified on
pins A0 - A12 determines which of the 8192 data bytes
will be accessed. When the READ is initiated by an
address transition, the outputs will be valid after a delay
of tcR. If the READ is initiated by E or G, the outputs will
be valid at ta(E) or at ta(G), whichever is later. The data
outputs will repeatedly respond to address changes
within the tcR access time without the need for transition
on any control input pins, and will remain valid until
another address change or until E or G is brought
HIGH or W is brought LOW.
SRAM WRITE
A WRITE cycle is performed whenever E and W are
LOW. The address inputs must be stable prior to
entering the WRITE cycle and must remain stable until
either E or W goes HIGH at the end of the cycle. The
data on pins DQ0 - 7 will be written into the memory if it
is valid tsu(D) before the end of a W controlled WRITE or
tsu(D) before the end of an E controlled WRITE.
It is recommended that G is kept HIGH during the en-
tire WRITE cycle to avoid data bus contention on the
common I/O lines. If G is left LOW, internal circuitry will
turn off the output buffers tdis(W) after W goes LOW.
Automatic STORE
The U635H64 uses the intrinsic system capacitance to
perform an automatic STORE on power down. As long
as the system power supply take at least tPDSTORE to
decay from VSWITCH down to 3.6 V the U635H64 will
safely and automatically STORE the SRAM data in
EEPROM on power down.
In order to prevent unneeded STORE operations, auto-
matic STORE will be ignored unless at least one
WRITE operation has taken place since the most
recent STORE or RECALL cycle. Software initiated
STORE cycles are performed regardless of whether or
not a WRITE operation has taken place.
Automatic RECALL
During power up an automatic RECALL takes place.
After any low power condition (VCC < VSWITCH) an inter-
nal RECALL request may be latched. When VCC once
again exceeds the sense voltage of VSWITCH, a reque-
sted RECALL cycle will automatically be initiated and
will take tRESTORE to complete.
If the U635H64 is in a WRITE state at the end of a
power up RECALL, the SRAM data will be corrupted.
To help avoid this situation, a 10 K
Ω resistor should be
connected between W and system VCC.
Software Nonvolatile STORE
The U635H64 software controlled STORE cycle is
initiated by executing sequential READ cycles from six
specific address locations. By relying on READ cycles
only, the U635H64 implements nonvolatile operation
while remaining compatible with standard 8K x 8
SRAMs. During the STORE cycle, an erase of the pre-
vious nonvolatile data is performed first, followed by a
parallel programming of all nonvolatile elements. Once
a STORE cycle is initiated, further inputs and outputs
are disabled until the cycle is completed.
Because a sequence of addresses is used for STORE
initiation, it is important that no other READ or WRITE
accesses intervene in the sequence or the sequence
will be aborted.
To initiate the STORE cycle the following READ
sequence must be performed:
1.
Read address
0000
(hex) Valid READ
2.
Read address
1555
(hex) Valid READ
3.
Read address
0AAA (hex) Valid READ
4.
Read address
1FFF
(hex) Valid READ
5.
Read address
10F0
(hex) Valid READ
6.
Read address
0F0F
(hex) Initiate STORE
Once the sixth address in the sequence has been
entered, the STORE cycle will commence and the chip
will be disabled. It is important that READ cycles and
not WRITE cycles are used in the sequence, although it
is not necessary that G is LOW for the sequence to be
valid. After the tSTORE cycle time has been fulfilled, the
SRAM will again be activated for READ and WRITE
operation.


Similar Part No. - U635H64BS2C45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U635H64 ETC-U635H64 Datasheet
209Kb / 13P
   POWER STORE 8K X 8 NVSRAM
More results

Similar Description - U635H64BS2C45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
   PowerStore 8K x 8 nvSRAM
logo
List of Unclassifed Man...
U632H64 ETC1-U632H64 Datasheet
214Kb / 15P
   PowerStore 8K x 8 nvSRAM
logo
Simtek Corporation
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U632H16 ETC1-U632H16 Datasheet
213Kb / 15P
   PowerStore 2K x 8 nvSRAM
logo
Simtek Corporation
U635H16 SIMTEK-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
U635H256 SIMTEK-U635H256 Datasheet
258Kb / 14P
   PowerStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U635H16 ETC1-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
logo
Zentrum Mikroelektronik...
U634H256 ZMD-U634H256 Datasheet
248Kb / 14P
   POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256XS SIMTEK-U634H256XS Datasheet
256Kb / 17P
   PowerStore 32K x 8 nvSRAM Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com