Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8761AM Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8761AM
Description  9-bit analog-to-digital converter for digital video
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8761AM Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8761AM Datasheet HTML 5Page - NXP Semiconductors TDA8761AM Datasheet HTML 6Page - NXP Semiconductors TDA8761AM Datasheet HTML 7Page - NXP Semiconductors TDA8761AM Datasheet HTML 8Page - NXP Semiconductors TDA8761AM Datasheet HTML 9Page - NXP Semiconductors TDA8761AM Datasheet HTML 10Page - NXP Semiconductors TDA8761AM Datasheet HTML 11Page - NXP Semiconductors TDA8761AM Datasheet HTML 12Page - NXP Semiconductors TDA8761AM Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1998 Nov 03
9
Philips Semiconductors
Product specification
9-bit analog-to-digital converter
for digital video
TDA8761A
Notes
1. In addition to a good layout of the digital and analog ground, it is recommended that the rise and fall times of the clock
must not be less than 0.5 ns.
2. Analog input voltages producing code 0 up to and including code 511:
a) VosB (voltage offset BOTTOM) is the difference between the analog input which produces data equal to 00 and
the reference voltage BOTTOM (VRB) at Tamb =25 °C.
b) VosT (voltage offset TOP) is the difference between VRT (reference voltage TOP) and the analog input which
produces data outputs equal to code 511 at Tamb =25 °C.
3. In order to ensure the optimum linearity performance of such converter architecture the lower and upper extremities
of the converter reference resistor ladder (corresponding to output codes 0 and 511 respectively) are connected to
pins VRB and VRT via offset resistors ROB and ROT as shown in Fig.3.
a) The current flowing into the resistor ladder is
and the full-scale input range at the converter,
to cover code 0 to code 511, is
b) Since RL, ROB and ROT have similar behaviour with respect to process and temperature variation, the ratio
will be kept reasonably constant from device to device. Consequently variation of the output
codes at a given input voltage depends mainly on the difference VRT − VRB and its variation with temperature and
supply voltage. When several ADCs are connected in parallel and fed with the same reference source, the
matching between each of them is then optimized.
4. fi = 10 MHz and fclk = 30 MHz; fi = 8 MHz and fclk = 20 MHz.
5.
6. The analog bandwidth is defined as the maximum input sine wave frequency which can be applied to the device.
No glitches greater than 2 LSBs, neither any significant attenuation are observed in the reconstructed signal.
7. The analog input settling time is the minimum time required for the input signal to be stabilized after a sharp full-scale
input (square wave signal) in order to sample the signal and obtain correct output data.
Timing (fclk = 30 MHz; CL = 15 pF); see Fig.4; note 11
tds
sampling delay time
3
ns
th
output hold time
4
−−
ns
td
output delay time
VCCO = 4.75 V
10
13
ns
VCCO = 3.15 V
12
15
ns
CL
digital output load
−−
15
pF
3-state output delay times; see Fig.5
tdZH
enable HIGH
5.5
8.5
ns
tdZL
enable LOW
12
15
ns
tdHZ
disable HIGH
19
24
ns
tdLZ
disable LOW
12
15
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
L
V
RT
V
RB
R
OB
R
L
R
OT
++
------------------------------------------
=
V
I
R
L
I
L
×
R
L
R
OB
R
L
R
OT
++
------------------------------------------
==
V
RT
(
×
V
RB )
0.
˙ 852
V
(
RT
V
RB )
×
=
R
L
R
OB
R
L
R
OT
++
------------------------------------------
GER
V
511
V
0
() V
i(p-p)
V
i(p-p)
----------------------------------------------------
100
×
=


Similar Part No. - TDA8761AM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8761 PHILIPS-TDA8761 Datasheet
93Kb / 20P
   9-bit analog-to-digital converter for digital video
1995 Mar 20
TDA8761M PHILIPS-TDA8761M Datasheet
93Kb / 20P
   9-bit analog-to-digital converter for digital video
1995 Mar 20
More results

Similar Description - TDA8761AM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8761 PHILIPS-TDA8761 Datasheet
93Kb / 20P
   9-bit analog-to-digital converter for digital video
1995 Mar 20
logo
Analog Devices
MATV-0820 AD-MATV-0820_15 Datasheet
1Mb / 4P
   8-bit video analog to digital converter
MATV-0816 AD-MATV-0816_15 Datasheet
1Mb / 4P
   8-Bit Video Analog-to-Digital Converter
MATV-0811 AD-MATV-0811_15 Datasheet
1Mb / 4P
   a-Bit Video Analog to DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8702 PHILIPS-TDA8702 Datasheet
120Kb / 19P
   8-bit video digital-to-analog converter
1996 Aug 23
TDA8772 PHILIPS-TDA8772 Datasheet
101Kb / 20P
   Triple 8-bit video digital-to-analog converter
1997 Mar 06
logo
Exar Corporation
MP8780 EXAR-MP8780 Datasheet
1,008Kb / 11P
   CMOS 8 BIT VIDEO ANALOG TO DIGITAL CONVERTER
logo
NXP Semiconductors
TDA9955HL NXP-TDA9955HL Datasheet
236Kb / 52P
   Triple 8-bit analog-to-digital video converter for HDTV
Rev. 01-17 March 2008
logo
Analog Devices
HDG-0807 AD-HDG-0807 Datasheet
875Kb / 4P
   Hybrid Video Digital-to-Analog Converter
logo
NXP Semiconductors
TDA8775 PHILIPS-TDA8775 Datasheet
134Kb / 16P
   Triple 10-bit video Digital-to-Analog Converter DAC
1996 Aug 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com