Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8762A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8762A
Description  10-bit high-speed low-power analog-to-digital converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8762A Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8762A Datasheet HTML 1Page - NXP Semiconductors TDA8762A Datasheet HTML 2Page - NXP Semiconductors TDA8762A Datasheet HTML 3Page - NXP Semiconductors TDA8762A Datasheet HTML 4Page - NXP Semiconductors TDA8762A Datasheet HTML 5Page - NXP Semiconductors TDA8762A Datasheet HTML 6Page - NXP Semiconductors TDA8762A Datasheet HTML 7Page - NXP Semiconductors TDA8762A Datasheet HTML 8Page - NXP Semiconductors TDA8762A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1996 Mar 21
4
Philips Semiconductors
Product specification
10-bit high-speed low-power
analog-to-digital converter
TDA8762A
PINNING
SYMBOL
PIN
DESCRIPTION
CLK
1
clock input
TC
2
two’s complement input (active LOW)
VCCA
3
analog supply voltage (5 V)
AGND1
4
analog ground 1
AGND2
5
analog ground 2
VRB
6
reference voltage BOTTOM input
VRM
7
reference voltage MIDDLE
VI
8
analog input voltage
VRT
9
reference voltage TOP input
OE
10
output enable input
(TTL level input, active LOW)
VCCD
11
digital supply voltage (5 V)
DGND
12
digital ground
VCCO1
13
supply voltage for output stages 1
(5 V)
OGND1
14
output ground 1
n.c.
15
not connected
D0
16
data output; bit 0 (LSB)
D1
17
data output; bit 1
D2
18
data output; bit 2
D3
19
data output; bit 3
D4
20
data output; bit 4
D5
21
data output; bit 5
D6
22
data output; bit 6
D7
23
data output; bit 7
D8
24
data output; bit 8
D9
25
data output; bit 9 (MSB)
IR
26
in range data output
OGND2
27
output ground 2
VCCO2
28
supply voltage for output stages 2
(5 V)
Fig.2 Pin configuration.
handbook, halfpage
1
2
3
4
5
6
7
8
9
10
11
12
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
CLK
TC
CCA
AGND1
AGND2
RB
RM
I
RT
OE
CCD
DGND
CCO1
OGND1
CCO2
OGND2
IR
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
n.c.
V
V
V
V
V
V
V
V
TDA8762A
MBE561


Similar Part No. - TDA8762A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8762 PHILIPS-TDA8762 Datasheet
162Kb / 24P
   10-bit high-speed low-power analog-to-digital converter
1996 Mar 28
TDA8762M PHILIPS-TDA8762M Datasheet
162Kb / 24P
   10-bit high-speed low-power analog-to-digital converter
1996 Mar 28
TDA8762M/4 PHILIPS-TDA8762M/4 Datasheet
162Kb / 24P
   10-bit high-speed low-power analog-to-digital converter
1996 Mar 28
More results

Similar Description - TDA8762A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8762 PHILIPS-TDA8762 Datasheet
162Kb / 24P
   10-bit high-speed low-power analog-to-digital converter
1996 Mar 28
TDA8760 PHILIPS-TDA8760 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
TDA8765 PHILIPS-TDA8765 Datasheet
138Kb / 20P
   10-bit high-speed Analog-to-Digital Converter ADC
1999 Jan 06
logo
Texas Instruments
ADS7835 TI1-ADS7835_14 Datasheet
840Kb / 21P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 TI1-ADS7834_14 Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7834 BURR-BROWN-ADS7834 Datasheet
145Kb / 13P
   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7835 BURR-BROWN-ADS7835 Datasheet
169Kb / 13P
   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7818PG4 TI-ADS7818PG4 Datasheet
619Kb / 20P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7834 BURR-BROWN-ADS7834_13 Datasheet
931Kb / 20P
   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7818E TI-ADS7818E Datasheet
652Kb / 21P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com