Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8763A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8763A
Description  10-bit high-speed low-power ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8763A Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8763A Datasheet HTML 1Page - NXP Semiconductors TDA8763A Datasheet HTML 2Page - NXP Semiconductors TDA8763A Datasheet HTML 3Page - NXP Semiconductors TDA8763A Datasheet HTML 4Page - NXP Semiconductors TDA8763A Datasheet HTML 5Page - NXP Semiconductors TDA8763A Datasheet HTML 6Page - NXP Semiconductors TDA8763A Datasheet HTML 7Page - NXP Semiconductors TDA8763A Datasheet HTML 8Page - NXP Semiconductors TDA8763A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1999 Jan 06
5
Philips Semiconductors
Product specification
10-bit high-speed low-power ADC
TDA8763A
PINNING
SYMBOL
PIN
DESCRIPTION
CLK
1
clock input
TC
2
twos complement input (active LOW)
VCCA
3
analog supply voltage (+5 V)
AGND
4
analog ground
n.c.
5
not connected
VRB
6
reference voltage BOTTOM input
VRM
7
reference voltage MIDDLE input
VI
8
analog input voltage
VRT
9
reference voltage TOP input
OE
10
output enable input (CMOS level
input, active LOW)
VCCD2
11
digital supply voltage 2 (+5 V)
DGND2
12
digital ground 2
VCCO
13
supply voltage for output stages
(3 to 5 V)
OGND
14
output ground
n.c.
15
not connected
D0
16
data output; bit 0 (LSB)
D1
17
data output; bit 1
D2
18
data output; bit 2
D3
19
data output; bit 3
D4
20
data output; bit 4
D5
21
data output; bit 5
D6
22
data output; bit 6
D7
23
data output; bit 7
D8
24
data output; bit 8
D9
25
data output; bit 9 (MSB)
IR
26
in range data output
DGND1
27
digital ground 1
VCCD1
28
digital supply voltage 1 (+5 V)
Fig.2 Pin configuration.
handbook, halfpage
handbook, halfpage
1
2
3
4
5
6
7
8
9
10
11
12
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
CLK
TC
CCA
AGND
n.c.
RB
RM
I
RT
OE
CCD2
DGND2
CCO
OGND
CCD1
DGND1
IR
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
n.c.
V
V
V
V
V
V
V
V
TDA8763A
MBG914


Similar Part No. - TDA8763A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8763 PHILIPS-TDA8763 Datasheet
174Kb / 24P
   10-bit high-speed low-power ADC with internal reference regulator
1999 Jan 06
TDA8763M PHILIPS-TDA8763M Datasheet
174Kb / 24P
   10-bit high-speed low-power ADC with internal reference regulator
1999 Jan 06
TDA8763M/3 PHILIPS-TDA8763M/3 Datasheet
174Kb / 24P
   10-bit high-speed low-power ADC with internal reference regulator
1999 Jan 06
TDA8763M/4 PHILIPS-TDA8763M/4 Datasheet
174Kb / 24P
   10-bit high-speed low-power ADC with internal reference regulator
1999 Jan 06
TDA8763M/5 PHILIPS-TDA8763M/5 Datasheet
174Kb / 24P
   10-bit high-speed low-power ADC with internal reference regulator
1999 Jan 06
More results

Similar Description - TDA8763A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8764A PHILIPS-TDA8764A Datasheet
123Kb / 24P
   10-bit high-speed low-power ADC
2000 Jul 03
TDA8763 PHILIPS-TDA8763 Datasheet
174Kb / 24P
   10-bit high-speed low-power ADC with internal reference regulator
1999 Jan 06
TDA8764 PHILIPS-TDA8764 Datasheet
164Kb / 28P
   10-bit high-speed low-power ADC with internal reference regulator
1999 Jan 12
logo
Analog Devices
EVAL-AD7470CB AD-EVAL-AD7470CB Datasheet
722Kb / 14P
   Evaluation Board for 10-bit high speed, low power, successive-approximation ADC
REV. A
logo
Texas Instruments
ADS52J91 TI-ADS52J91 Datasheet
448Kb / 5P
[Old version datasheet]   ADS52J91 10-Bit, 12-Bit, 14-Bit, Multichannel, Low-Power, High-Speed ADC With LVDS, JESD Outputs
SBASAF8 ??SEPTEMBER 2021
ADS52J90 TI1-ADS52J90 Datasheet
4Mb / 149P
[Old version datasheet]   Multichannel, Low-Power, High-Speed ADC
logo
NXP Semiconductors
TDA8765 PHILIPS-TDA8765 Datasheet
138Kb / 20P
   10-bit high-speed Analog-to-Digital Converter ADC
1999 Jan 06
logo
Maxim Integrated Produc...
MAX192BCPP MAXIM-MAX192BCPP Datasheet
202Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
logo
Linear Technology
LTC2281 LINER-LTC2281_15 Datasheet
493Kb / 24P
   Dual 10-Bit, 125Msps Low Power 3V ADC
logo
Maxim Integrated Produc...
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com