Electronic Components Datasheet Search |
|
93LC66B-I/MC Datasheet(PDF) 5 Page - Microchip Technology |
|
93LC66B-I/MC Datasheet(HTML) 5 Page - Microchip Technology |
5 / 38 page © 2007 Microchip Technology Inc. DS21929D-page 5 93XX46X/56X/66X/76X/86X TABLE 2-2: AC CHARACTERISTICS All parameters apply over the specified ranges unless otherwise noted. VCC = 1.8V to 5.5V Industrial (I): TA = -40°C to +85°C Automotive (E): TA = -40°C to +125°C Param. No. Symbol Parameter Min. Max. Units Conditions A1 FCLK Clock frequency — 3 2 1 MHz MHz MHz 4.5V ≤ VCC < 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V A2 TCKH Clock high time 200 250 450 —ns ns ns 4.5V ≤ VCC < 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V A3 TCKL Clock low time 100 200 450 —ns ns ns 4.5V ≤ VCC < 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V A4 TCSS Chip Select setup time 50 100 250 —ns ns ns 4.5V ≤ VCC < 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V A5 TCSH Chip Select hold time 0 — ns 1.8V ≤ VCC < 5.5V A6 TCSL Chip Select low time 250 — ns 1.8V ≤ VCC < 5.5V A7 TDIS Data input setup time 50 100 250 —ns ns ns 4.5V ≤ VCC < 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V A8 TDIH Data input hold time 50 100 250 —ns ns ns 4.5V ≤ VCC < 5.5V 2.5V ≤ VCC < 4.5V 1.8V ≤ VCC < 2.5V A9 TPD Data output delay time — 100 ns 4.5V ≤ VCC < 5.5V, CL = 100 pF (93C76X/86X) —200 250 400 ns ns ns 4.5V ≤ VCC < 5.5V, CL = 100 pF 2.5V ≤ VCC < 4.5V, CL = 100 pF 1.8V ≤ VCC < 2.5V, CL = 100 pF A10 TCZ Data output disable time — 100 200 ns ns 4.5V ≤ VCC < 5.5V, (Note 1) 1.8V ≤ VCC < 4.5V, (Note 1) A11 TSV Status valid time — 200 300 500 ns ns ns 4.5V ≤ VCC < 5.5V, CL = 100 pF 2.5V ≤ VCC < 4.5V, CL = 100 pF 1.8V ≤ VCC < 2.5V, CL = 100 pF A12 TWC Program cycle time — 5 ms Erase/Write mode 93XX76X/86X (AA and LC versions) — 6 ms 93XX46X/56X/66X (AA and LC versions) A13 TWC — 2 ms 93C46X/56X/66X/76X/86X A14 TEC Program cycle time — 6 ms ERAL mode, 4.5V ≤ VCC ≤ 5.5V A15 TWL — 15 ms WRAL mode, 4.5V ≤ VCC ≤ 5.5V A16 — Endurance 1M — cycles 25°C, VCC = 5.0V, (Note 2) Note 1: This parameter is periodically sampled and not 100% tested. 2: This application is not tested but ensured by characterization. For endurance estimates in a specific application, please consult the Total Endurance™ Model which may be downloaded from Microchip’s web site at www.microchip.com. |
Similar Part No. - 93LC66B-I/MC |
|
Similar Description - 93LC66B-I/MC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |