Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8767H Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8767H
Description  12-bit high-speed Analog-to-Digital Converter ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8767H Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8767H Datasheet HTML 6Page - NXP Semiconductors TDA8767H Datasheet HTML 7Page - NXP Semiconductors TDA8767H Datasheet HTML 8Page - NXP Semiconductors TDA8767H Datasheet HTML 9Page - NXP Semiconductors TDA8767H Datasheet HTML 10Page - NXP Semiconductors TDA8767H Datasheet HTML 11Page - NXP Semiconductors TDA8767H Datasheet HTML 12Page - NXP Semiconductors TDA8767H Datasheet HTML 13Page - NXP Semiconductors TDA8767H Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1999 Feb 16
10
Philips Semiconductors
Preliminary specification
12-bit high-speed Analog-to-Digital
Converter (ADC)
TDA8767
Table 1
Output coding with differential inputs (typical values to AGND); VI(p-p) − VI(p-p) = 2.0 V; Vref =VCCA − 2V
Table 2
Output coding with single input (typical values to AGND); VFS = 2.0 V (p-p); Vref =VCCA − 2V
Table 3 Mode selection
Note
1. Where: X = don’t care.
Table 4 Sample-and-hold selection
CODE
VI
VI
IR
BINARY OUTPUTS
TWO’S COMPLEMENT
OUTPUTS
D11 to D0
D11 to D0
underflow
<2.0
>3.0
0
0 0 0 0 0 0 0 0 0 0 0 0
1 0 0 0 0 0 0 0 0 0 0 0
0
2.0
3.0
1
0 0 0 0 0 0 0 0 0 0 0 0
1 0 0 0 0 0 0 0 0 0 0 0
1
−−
1
0 0 0 0 0 0 0 0 0 0 01
1 0 0 0 0 0 0 0 0 0 0 1
↓−
−↓
2047
2.5
2.5
1
0 1 1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 1
↓−
−↓
4094
−−
1
1 1 1 1 1 1 1 1 1 1 1 0
0 1 1 1 1 1 1 1 1 1 1 0
4095
3.0
2.0
1
1 1 1 1 1 1 1 1 1 1 1 1
0 1 1 1 1 1 1 1 1 1 1 1
overflow
>3.0
<2.0
0
1 1 1 1 1 1 1 1 1 1 1 1
0 1 1 1 1 1 1 1 1 1 1 1
CODE
VI
IR
BINARY OUTPUTS
TWO’S COMPLEMENT
OUTPUTS
D11 to D0
D11 to D0
underflow
<1.5
0
0 0 0 0 0 0 0 0 0 0 0 0
1 0 0 0 0 0 0 0 0 0 0 0
0
1.5
1
0 0 0 0 0 0 0 0 0 0 0 0
1 0 0 0 0 0 0 0 0 0 0 0
1
1
0 0 0 0 0 0 0 0 0 0 01
1 0 0 0 0 0 0 0 0 0 0 1
↓−↓
2047
2.5
1
0 1 1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 1
↓−↓
4094
1
1 1 1 1 1 1 1 1 1 1 1 0
0 1 1 1 1 1 1 1 1 1 1 0
4095
3.5
1
1 1 1 1 1 1 1 1 1 1 1 1
0 1 1 1 1 1 1 1 1 1 1 1
overflow
>3.5
0
1 1 1 1 1 1 1 1 1 1 1 1
0 1 1 1 1 1 1 1 1 1 1 1
TC
OE
D0 to D11 and IR
0
0
binary; active
1
0
two’s complement; active
X(1)
1
high impedance
SH
SAMPLE-AND-HOLD
1
active
0
inactive; tracking mode


Similar Part No. - TDA8767H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8760 PHILIPS-TDA8760 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
TDA8760K PHILIPS-TDA8760K Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
TDA8760K/2 PHILIPS-TDA8760K/2 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
TDA8760K/4 PHILIPS-TDA8760K/4 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
TDA8761 PHILIPS-TDA8761 Datasheet
93Kb / 20P
   9-bit analog-to-digital converter for digital video
1995 Mar 20
More results

Similar Description - TDA8767H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8768 PHILIPS-TDA8768 Datasheet
126Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1998 Aug 26
TDA8765 PHILIPS-TDA8765 Datasheet
138Kb / 20P
   10-bit high-speed Analog-to-Digital Converter ADC
1999 Jan 06
TDA8705A PHILIPS-TDA8705A Datasheet
111Kb / 16P
   6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
TDA8705 PHILIPS-TDA8705 Datasheet
117Kb / 16P
   6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
TDA8768A PHILIPS-TDA8768A Datasheet
1Mb / 32P
   12-bit, 70 Msps Analog-to-Digital Converter (ADC)
Rev. 02-03 July 2002
TDA8752 PHILIPS-TDA8752 Datasheet
151Kb / 36P
   Triple high speed Analog-to-Digital Converter ADC
1999 Mar 09
TDA8752A PHILIPS-TDA8752A Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com