Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8768 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8768
Description  12-bit high-speed Analog-to-Digital Converter ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8768 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8768 Datasheet HTML 1Page - NXP Semiconductors TDA8768 Datasheet HTML 2Page - NXP Semiconductors TDA8768 Datasheet HTML 3Page - NXP Semiconductors TDA8768 Datasheet HTML 4Page - NXP Semiconductors TDA8768 Datasheet HTML 5Page - NXP Semiconductors TDA8768 Datasheet HTML 6Page - NXP Semiconductors TDA8768 Datasheet HTML 7Page - NXP Semiconductors TDA8768 Datasheet HTML 8Page - NXP Semiconductors TDA8768 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1998 Aug 26
2
Philips Semiconductors
Preliminary specification
12-bit high-speed Analog-to-Digital
Converter (ADC)
TDA8768
FEATURES
• 12-bit resolution
• Sampling rate up to 55 MHz
•−3 dB bandwidth of 190 MHz
• 5 V power supplies
• Binary or twos-complement CMOS outputs
• In-range CMOS-compatible output
• TLL-CMOS compatible static digital inputs
• 3 to 5 V CMOS-compatible digital outputs
• Differential clock input; Positive Emitter Coupled Logic
(PECL)-compatible
• Power dissipation 325 mW (typical)
• Low analog input capacitance (typical 2 pF), no buffer
amplifier required
• Integrated sample-and-hold amplifier
• Differential analog input
• External amplitude range control
• Voltage controlled regulator included.
APPLICATIONS
• High-speed analog-to-digital conversion for
– Video signal digitizing
– High Definition TV (HDTV)
– Imaging (camera scanner)
– Medical imaging
– Telecommunication
– Base-station receiver.
GENERAL DESCRIPTION
The TDA8768 is a bipolar 12-bit Analog-to-Digital
Converter (ADC) optimized for telecommunications and
professional imaging. It converts the analog input signal
into 12-bit binary coded digital words at a maximum
sampling rate of 55 MHz. All static digital inputs (SH, CE
and OTC) are TTL and CMOS compatible and all outputs
are CMOS compatible. A sine wave clock input signal can
also be used.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCCA
analog supply voltage
4.75
5.0
5.25
V
VCCD
digital supply voltage
4.75
5.0
5.25
V
VCCO
output supply voltage
3.0
3.3
5.25
V
ICCA
analog supply current
33
tbf
mA
ICCD
digital supply current
30
tbf
mA
ICCO
output supply current
fCLK = 4 MHz; fi = 400 kHz
3.2
tbf
mA
INL
integral non-linearity
fCLK = 4 MHz; fi = 400 kHz
−±2.0
±4.5
LSB
DNL
differential non-linearity
fCLK = 4 MHz; fi = 400 kHz
−±0.6
±1.0
LSB
fCLK(max)
maximum clock frequency
TDA8768H/4
40
−−
MHz
TDA8768H/5
55
−−
MHz
Ptot
total power dissipation
325
tbf
mW
TYPE
NUMBER
PACKAGE
SAMPLING
FREQUENCY (MHz)
NAME
DESCRIPTION
VERSION
TDA8768H/4
QFP44
plastic quad flat package; 44 leads
(lead length 1.3 mm); body 10
× 10 × 1.75 mm SOT307-2
40
TDA8768H/5
55


Similar Part No. - TDA8768

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8768A PHILIPS-TDA8768A Datasheet
1Mb / 32P
   12-bit, 70 Msps Analog-to-Digital Converter (ADC)
Rev. 02-03 July 2002
TDA8768AH PHILIPS-TDA8768AH Datasheet
1Mb / 32P
   12-bit, 70 Msps Analog-to-Digital Converter (ADC)
Rev. 02-03 July 2002
TDA8768AH4 PHILIPS-TDA8768AH4 Datasheet
1Mb / 32P
   12-bit, 70 Msps Analog-to-Digital Converter (ADC)
Rev. 02-03 July 2002
TDA8768AH5 PHILIPS-TDA8768AH5 Datasheet
1Mb / 32P
   12-bit, 70 Msps Analog-to-Digital Converter (ADC)
Rev. 02-03 July 2002
TDA8768AH7 PHILIPS-TDA8768AH7 Datasheet
1Mb / 32P
   12-bit, 70 Msps Analog-to-Digital Converter (ADC)
Rev. 02-03 July 2002
More results

Similar Description - TDA8768

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8767 PHILIPS-TDA8767 Datasheet
129Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1999 Feb 16
TDA8765 PHILIPS-TDA8765 Datasheet
138Kb / 20P
   10-bit high-speed Analog-to-Digital Converter ADC
1999 Jan 06
TDA8705A PHILIPS-TDA8705A Datasheet
111Kb / 16P
   6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
TDA8705 PHILIPS-TDA8705 Datasheet
117Kb / 16P
   6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
TDA8768A PHILIPS-TDA8768A Datasheet
1Mb / 32P
   12-bit, 70 Msps Analog-to-Digital Converter (ADC)
Rev. 02-03 July 2002
TDA8752 PHILIPS-TDA8752 Datasheet
151Kb / 36P
   Triple high speed Analog-to-Digital Converter ADC
1999 Mar 09
TDA8752A PHILIPS-TDA8752A Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com