Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5025 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5025
Description  Fully Accurate 12-/14-/16-Bit VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5025 Datasheet(HTML) 3 Page - Analog Devices

  AD5025 Datasheet HTML 1Page - Analog Devices AD5025 Datasheet HTML 2Page - Analog Devices AD5025 Datasheet HTML 3Page - Analog Devices AD5025 Datasheet HTML 4Page - Analog Devices AD5025 Datasheet HTML 5Page - Analog Devices AD5025 Datasheet HTML 6Page - Analog Devices AD5025 Datasheet HTML 7Page - Analog Devices AD5025 Datasheet HTML 8Page - Analog Devices AD5025 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Preliminary Technical Data
AD5025/45/65
SPECIFICATIONS
VDD = 2.7 V to 5.5 V, RL = 2 kΩ to GND, CL = 200 pF to GND, 2.2V ≤VREFIN ≤. VDD unless otherwise specified. All specifications TMIN to
TMAX, unless otherwise noted.
Table 2.
Parameter
Min
B Grade1
Typ
Max
Unit
Conditions/Comments
STATIC PERFORMANCE2
Resolution
16
Bits
AD5065
14
AD5045
12
AD5025
Relative Accuracy
0.5
±1
LSB
AD5065
TA = -40°C to +105°C
0.5
±1.5
AD5065
TA = -40°C to +125°C
0.5
±1
LSB
AD5045
TA = -40°C to +105°C
0.5
±1.5
AD5045
TA = -40°C to +125°C
0.5
±1
LSB
AD5025
TA = -40°C to +105°C
0.5
±1.5
AD5025
TA = -40°C to +125°C
Differential Nonlinearity
±1
LSB
AD5065/45/25: Guaranteed monotonic by design
Total Unadjusted Error Tue
0.2
±2
mV
AD5065/45/25
TA = -40°C to +105°C
0.2
±2
mV
AD5065/45/25
TA = -40°C to +125°C
Offset Error
1
9
mV
All 0s loaded to DAC register
Offset Error Drift
±2
μV/°C
Full-Scale Error
−0.2
−1
% FSR
All 1s loaded to DAC register
Gain Error
±1
% FSR
Gain Temperature Coefficient
±2.5
ppm
Of FSR/°C
DC Power Supply Rejection
Ratio
–80
dB
VDD ± 10%
DC Crosstalk
0.5
LSB
Due to single-channel full-scale output change,
RL = 2 kΩ to GND or VDD
0.5
LSB/m
A
Due to load current change
0.5
LSB
Due to powering down (per channel)
OUTPUT CHARACTERISTICS3
Output Voltage Range
0
VDD
V
Capacitive Load Stability
1
pF
RL = 2 kΩ, RL = 100 kΩ and RL = ∞
DC Output Impedance
0.5
Ω
(Normal mode)
DC Output Impedance
DAC in Power Down mode
(output connected to 100kΩ
100
Output impedance tolerance ± 20Ω
network)
(output connected to 1kΩ
1
Output impedance tolerance ± 400Ω
network)
Short-Circuit Current
60
mA
DAC = full scale, o/p shorted to Gnd
45
mA
DAC = zero scale, o/p shorted to VDD
Power-Up Time
4.5
μs
Coming out of power-down mode VDD = 5 V
DC PSRR
-92
dB
VDD±10%, DAC = full scale
Wideband SFDR
-67
dB
Output frequency = 10Khz
REFERENCE INPUTS
Reference Input Range
2.2
VDD
V
Reference Current
30
50
μA
Per DAC channel VREF = VDD = 5.5 V
Reference Input Impedance
120
Per DAC channel
LOGIC INPUTS3
Input Current4
±3
μA
All digital inputs
Rev. PrB | Page 3 of 3
3


Similar Part No. - AD5025

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5025 AD-AD5025 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5025 AD-AD5025 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5025 AD-AD5025 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5025 AD-AD5025 Datasheet
1Mb / 25P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface
AD5025 AD-AD5025 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
More results

Similar Description - AD5025

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5066 AD-AD5066 Datasheet
445Kb / 20P
   Fully Accurate 16-Bit UnBuffered VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP
Rev. PrB
AD5025 AD-AD5025_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5025 AD-AD5025_08 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5064BRUZ-1 AD-AD5064BRUZ-1 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5045 AD-AD5045_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5066BRUZ AD-AD5066BRUZ Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5065 AD-AD5065_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5064 AD-AD5064_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5024 AD-AD5024_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com