Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8638 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8638
Description  16V Auto-Zero, Rail-to-Rail Output, Precision Amplifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8638 Datasheet(HTML) 2 Page - Analog Devices

  AD8638 Datasheet HTML 1Page - Analog Devices AD8638 Datasheet HTML 2Page - Analog Devices AD8638 Datasheet HTML 3Page - Analog Devices AD8638 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AD8638
Preliminary Data Sheet
Rev. PrA | Page 2 of 4
ELECTRICALCHARACTERISTICS (@ V
S =16V, VCM = Vs/2, TA =+25°C unless otherwise specified.)
Parameter
Symbol
Conditions
A Grade
Units
Min
Typ
Max
INPUT CHARACTERISTICS
Offset Voltage
VOS
25°C
3
10
µV
-40°< TA < +125°C
20
µV
Input Bias Current
IB
25°C
20
100
pA
B
-40°< TA < +125°C
250
pA
Input Offset Current
IOS
40
80
pA
-40°< TA < +125°C
150
pA
Input Voltage Range
-40°< TA < +125°C
0
VS - 2
V
Common-Mode Rejection Ratio
CMRR
VCM = -5V to +5V
120
140
dB
-40°< TA < +125°C
120
130
dB
Large Signal Voltage Gain (Note 1)
AVO
RL = 10 kΩ,VO= -5 to +5V
130
130
dB
-40°< TA < +125°C
115
130
dB
Offset Voltage Drift
ΔV
OS/ΔT -40°< T
A < +125°C
0.004
0.08
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 2 kΩ
15.8
V
-40°C to +125°C
15.7
V
RL = 10KΩ
15.9
15.95
V
-40°C to +125°C
15.95
V
Output Voltage Low
VOL
RL = 2 kΩ
100
mV
-40°C to +125°C
170
mV
RL = 10KΩ
30
50
mV
-40°C to +125°C
70
mV
Short Circuit Limit
ISC
±45
mA
-40°C to +125°C
40
mA
Output Current
IOUT
±30
mA
-40°C to +125°C
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 5V to 16V
110
140
dB
-40°C to +125°C
dB
Supply Current/Amplifier
ISY
VO = 0V
1.0
1.2
mA
-40°< TA < +125°C
1.4
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL =10 kΩ
2
V/
μs
Overlay Recovery Time
50
μs
Gain Bandwidth Product
GBP
1.5
MHz
NOISE PERFORMANCE
Voltage Noise
en p-p
f=0.1 to 10 Hz
1.5
µV p-p
Voltage Noise Density
en
f=1kHz
59
nV/
√Hz
Current Noise Density
in
f=10Hz
tbd
fA/√Hz
Note 1: Gain testing is highly dependent upon test bandwidth


Similar Part No. - AD8638

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8638 AD-AD8638 Datasheet
646Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
REV. C
AD8638 AD-AD8638 Datasheet
879Kb / 24P
   30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
REV. 0
AD8638 AD-AD8638 Datasheet
629Kb / 20P
   16V Auto-Zero, Rail-to-Rail Output tional Amplifiers
Rev. F
AD8638 AD-AD8638 Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
AD8638ARJZ-R2 AD-AD8638ARJZ-R2 Datasheet
646Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
REV. C
More results

Similar Description - AD8638

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8639ARMZ AD-AD8639ARMZ Datasheet
629Kb / 20P
   16V Auto-Zero, Rail-to-Rail Output tional Amplifiers
Rev. F
AD8638 AD-AD8638_16 Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
AD8639WARZ AD-AD8639WARZ Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
AD8638 AD-AD8638_07 Datasheet
646Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
REV. C
logo
Texas Instruments
OPA388 TI1-OPA388_19 Datasheet
2Mb / 45P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
OPA388 TI1-OPA388_18 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_17 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388_1812 TI1-OPA388_1812 Datasheet
2Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_V01 Datasheet
2Mb / 45P
[Old version datasheet]   OPAx388 Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com