Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE949PWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE949PWR
Description  Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE949PWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCE949PWR Datasheet HTML 4Page - Texas Instruments CDCE949PWR Datasheet HTML 5Page - Texas Instruments CDCE949PWR Datasheet HTML 6Page - Texas Instruments CDCE949PWR Datasheet HTML 7Page - Texas Instruments CDCE949PWR Datasheet HTML 8Page - Texas Instruments CDCE949PWR Datasheet HTML 9Page - Texas Instruments CDCE949PWR Datasheet HTML 10Page - Texas Instruments CDCE949PWR Datasheet HTML 11Page - Texas Instruments CDCE949PWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
10
20
30
40
50
60
70
80
90
100
10
60
110
160
210
PLL -Frequency-MHz
3PLL on
V
=1.8V
DD
allPLL off
1PLL on
4PLL on
2PLL on
0
5
10
15
20
25
30
35
10
30
50
70
90 110 130 150 170 190 210 230
f
-OutputFrequency-MHz
OUT
alloutputsoff
9outputson
7outputson
5outputson
3outputson
1outputon
V
=1.8V,
V
=3.3V,
NoLoad
DD
DDOUT
10
30
50
70
90
110
130 150 170 190 210 230
f
-OutputFrequency-MHz
OUT
0
2
4
6
8
10
12
alloutputsoff
9outputson
7outputson
5outputson
3outputson
1outputon
V
=1.8V,
V
=1.8V,
NoLoad
DD
DDOUT
CDCE949
CDCEL949
SCAS844 – JUNE 2007
CDCE949 AND CDCEL949 SUPPLY CURRENT
CDCE949 OUTPUT CURRENT
vs
vs
PLL FREQUENCY
OUTPUT FREQUENCY
Figure 3.
Figure 4.
CDCEL949 OUTPUT CURRENT
vs
OUTPUT FREQUENCY
Figure 5.
8
Submit Documentation Feedback


Similar Part No. - CDCE949PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE949PWR TI-CDCE949PWR Datasheet
522Kb / 31P
[Old version datasheet]   Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
CDCE949PWRG4 TI-CDCE949PWRG4 Datasheet
522Kb / 31P
[Old version datasheet]   Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
More results

Similar Description - CDCE949PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE949 TI-CDCE949_10 Datasheet
522Kb / 31P
[Old version datasheet]   Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
CDCE949-Q1 TI1-CDCE949-Q1 Datasheet
717Kb / 32P
[Old version datasheet]   PROGRAMMABLE 4-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-,V and 3.3-V LVCMOS OUTPUTS
CDCE925 TI-CDCE925 Datasheet
485Kb / 27P
[Old version datasheet]   PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
CDCE937 TI-CDCE937_10 Datasheet
481Kb / 30P
[Old version datasheet]   Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
logo
Integrated Device Techn...
MPC9600AE IDT-MPC9600AE Datasheet
384Kb / 15P
   Low Voltage, 2.5V and 3.3V LVCMOS PLL Clock Driver
logo
Integrated Circuit Syst...
ICS271 ICST-ICS271 Datasheet
170Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com