Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8783H Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8783H
Description  40 Msps, 10-bit analog-to-digital interface for CCD cameras
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8783H Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8783H Datasheet HTML 5Page - NXP Semiconductors TDA8783H Datasheet HTML 6Page - NXP Semiconductors TDA8783H Datasheet HTML 7Page - NXP Semiconductors TDA8783H Datasheet HTML 8Page - NXP Semiconductors TDA8783H Datasheet HTML 9Page - NXP Semiconductors TDA8783H Datasheet HTML 10Page - NXP Semiconductors TDA8783H Datasheet HTML 11Page - NXP Semiconductors TDA8783H Datasheet HTML 12Page - NXP Semiconductors TDA8783H Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1999 Jun 25
9
Philips Semiconductors
Product specification
40 Msps, 10-bit analog-to-digital interface
for CCD cameras
TDA8783
tset(CDS)
CDS setting time
control DAC 4 bits input
code; AGC gain = 0 dB;
fcut(AGC) = 54 MHz;
Vi(CDS) = 600 mV (p-p)
black-to-white transition in
1 pixel (
±1 LSB typ.)
0000
8
ns
0001
21
ns
0010
42
ns
0011
52
ns
0100
82
ns
0111
94
ns
1000
195
ns
1011
219
ns
1111
280
ns
Amplifier outputs
GAMPOUT
output amplifier gain
6
dB
ZAMPOUT
output amplifier impedance
300
−Ω
VAMPOUT(p-p)
output amplifier dynamic voltage
(peak-to-peak value)
2.4
V
VAMPOUT(bl)
output amplifier black level
voltage
1.5
V
VAGCOUT(p-p)
AGC output amplifier dynamic
voltage level (peak-to-peak value)
2000
mV
VAGCOUT(bl)
AGC output amplifier black level
voltage
Vref connected to DACOUT
Vref
V
ZAGCOUT(bl)
AGC output amplifier output
impedance
at 10 kHz
5
−Ω
IAGCOUT
AGC output static drive current
static
−−
1mA
GAGC(min)
minimum gain of AGC circuit
AGC DAC input code = 00
(9-bit control)
4.5
dB
GAGC(max)
maximum gain of AGC circuit
AGC DAC input code
≥ 319
(9-bit control)
34.5
dB
fcut(AGC)
cut-off frequency AGC
4-bit control DAC
input code = 00
54
MHz
input code = 15
4
MHz
Clamps
gm(ADC)
ADC clamp transconductance
at clamp level
7
mS
gm(CDS)
CDS clamp transconductance
at clamp level
1.5
mS
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA8783H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8783HL NXP-TDA8783HL Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
More results

Similar Description - TDA8783H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA8784 PHILIPS-TDA8784 Datasheet
112Kb / 28P
   18 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Sep 21
TDA8786 PHILIPS-TDA8786 Datasheet
186Kb / 28P
   10-bit analog-to-digital interface for CCD cameras
1997 Nov 17
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA8787A PHILIPS-TDA8787A Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA9962 PHILIPS-TDA9962 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
2000 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com