Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZY7015HGQ1 Datasheet(PDF) 8 Page - Power-One

Part # ZY7015HGQ1
Description  3V to 13.2V Input 0.5V to 5.5V Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ZY7015HGQ1 Datasheet(HTML) 8 Page - Power-One

Back Button ZY7015HGQ1 Datasheet HTML 4Page - Power-One ZY7015HGQ1 Datasheet HTML 5Page - Power-One ZY7015HGQ1 Datasheet HTML 6Page - Power-One ZY7015HGQ1 Datasheet HTML 7Page - Power-One ZY7015HGQ1 Datasheet HTML 8Page - Power-One ZY7015HGQ1 Datasheet HTML 9Page - Power-One ZY7015HGQ1 Datasheet HTML 10Page - Power-One ZY7015HGQ1 Datasheet HTML 11Page - Power-One ZY7015HGQ1 Datasheet HTML 12Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
ZY7015 15A DC-DC Intelligent POL Data Sheet
3V to 13.2V Input 0.5V to 5.5V Output
5.
Typical Performance Characteristics
5.1
Efficiency Curves
70
75
80
85
90
95
0.0
1.5
3.0
4.5
6.0
7.5
9.0
10.5 12.0 13.5 15.0
Output Current, A
Vout=0.5V
Vout=1.2V
Vout=2.5V
Figure 2. Efficiency vs. Load. Vin=3.3V, Fsw=500kHz
60
65
70
75
80
85
90
95
0.0
1.5
3.0
4.5
6.0
7.5
9.0
10.5 12.0 13.5 15.0
Output Current, A
Vout=0.5V
Vout=1.2V
Vout=2.5V
Vout=3.3V
Figure 3. Efficiency vs. Load. Vin=5V, Fsw=500kHz
60
65
70
75
80
85
90
95
01.5
3
4.567.5
9
10.5
12
13.5
15
Output Current, A
Vout=1.2V
Vout=2.5V
Vout=3.3V
Vout=5.0V
Figure 4. Efficiency vs. Load. Vin=12V, Fsw=500kHz
60
65
70
75
80
85
90
95
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Output Voltage, V
Vin=3.3V
Vin=5.0V
Vin=12V
Figure 5. Efficiency vs. Output Voltage, Iout=15A,
Fsw=500kHz
ZD-00283 REV. 2.2
www.power-one.com
Page 8 of 34


Similar Part No. - ZY7015HGQ1

ManufacturerPart #DatasheetDescription
logo
Power-One
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-Q1 POWER-ONE-ZY7010LG-Q1 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-T1 POWER-ONE-ZY7010LG-T1 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-T2 POWER-ONE-ZY7010LG-T2 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-T3 POWER-ONE-ZY7010LG-T3 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
More results

Similar Description - ZY7015HGQ1

ManufacturerPart #DatasheetDescription
logo
Power-One
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7120 POWER-ONE-ZY7120 Datasheet
1Mb / 34P
   20A DC-DC Intelligent POL Data Sheet 3V to 13.2V Input 0.5V to 5.5V Output
ZY1015 POWER-ONE-ZY1015 Datasheet
868Kb / 17P
   15A No-Bus POL 3V to 14V Input 0.5V to 5.5V Output
ZY7007 POWER-ONE-ZY7007 Datasheet
1Mb / 35P
   7A DC-DC Intelligent POL 3V to 14V Input - 0.5V to 5.5V Output
ZY1120G POWER-ONE-ZY1120G Datasheet
325Kb / 17P
   ZY1120 20A No-Bus POL Data Sheet 3V to 14V Input ??0.5V to 5.5V Output
Y5117P POWER-ONE-Y5117P Datasheet
1Mb / 14P
   3.0V to 13.2V Input 0.7V to 3.63V Output
DP8105 POWER-ONE-DP8105 Datasheet
2Mb / 35P
   8V to 14V Input , 0.7V to 5.5V Output
DP8110 POWER-ONE-DP8110 Datasheet
2Mb / 34P
   8V to 14V Input, 0.7V to 5.5V Output
logo
Maxim Integrated Produc...
MAX3160EEVKIT MAXIM-MAX3160EEVKIT Datasheet
160Kb / 7P
   3V to 5.5V Single-Supply Operation
2007
logo
Analog Devices
MAX77675 AD-MAX77675 Datasheet
4Mb / 64P
   Low IQ SIMO PMIC with 0.5V to 5.5V Outputs Delivering Up to 700mA Total Output Current
Rev 0; 03/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com