Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZY7015LQ1 Datasheet(PDF) 2 Page - Power-One

Part # ZY7015LQ1
Description  3V to 13.2V Input 0.5V to 5.5V Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ZY7015LQ1 Datasheet(HTML) 2 Page - Power-One

  ZY7015LQ1 Datasheet HTML 1Page - Power-One ZY7015LQ1 Datasheet HTML 2Page - Power-One ZY7015LQ1 Datasheet HTML 3Page - Power-One ZY7015LQ1 Datasheet HTML 4Page - Power-One ZY7015LQ1 Datasheet HTML 5Page - Power-One ZY7015LQ1 Datasheet HTML 6Page - Power-One ZY7015LQ1 Datasheet HTML 7Page - Power-One ZY7015LQ1 Datasheet HTML 8Page - Power-One ZY7015LQ1 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
ZY7015 15A DC-DC Intelligent POL Data Sheet
3V to 13.2V Input 0.5V to 5.5V Output
Reference Documents:
ZM7XXX Digital Power Manager. Data Sheet
ZM7XXX Digital Power Manager. Programming Manual
Z-One
® Graphical User Interface
ZM00056-KIT USB to I
2C Adapter Kit. User Manual
1.
Ordering Information
ZY
70
15
x
y
zz
Product
family:
Z-One
Module
Series:
Intelligent
POL
Converter
Output
Current:
15A
Output voltage setpoint
accuracy:
L – 1.2% or 20mV,
whichever is greater.
H
1 – 1.0% or 10mV,
whichever is greater
RoHS compliance:
No suffix - RoHS
compliant with Pb
solder exemption
2
G - RoHS compliant
for all six substances
Dash
Packaging Option
3:
T1 – 500pcs T&R
T2 – 100pcs T&R
T3 – 50pcs T&R
Q1 – 1pc sample for
evaluation only
______________________________________
1
Contact factory for availability.
2
The solder exemption refers to all the restricted materials except lead in solder. These materials are Cadmium (Cd), Hexavalent chromium
(Cr6+), Mercury (Hg), Polybrominated biphenyls (PBB), Polybrominated diphenylethers (PBDE), and Lead (Pb) used anywhere except in
solder.
3
Packaging option is used only for ordering and not included in the part number printed on the POL converter label.
4
The evaluation board is available in only one configuration: ZM7300-KIT-HKS.
Example: ZY7015HG-T2: A 100-piece reel of RoHS compliant POL converters with the output voltage setpoint of
1.0% or 10mV, whichever is greater. Each POL converter is labeled ZY7015HG.
2.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings may cause performance degradation, adversely affect long-
term reliability, and cause permanent damage to the converter.
Parameter
Conditions/Description
Min
Max
Units
Operating Temperature
Controller case temperature
-40
105
°C
Input Voltage
250ms Transient
15
VDC
Output Current
(See Output Current Derating Curves)
-15
15
ADC
3.
Environmental and Mechanical Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Ambient Temperature Range
-40
85
°C
Storage Temperature (Ts)
-55
125
°C
Weight
15
grams
MTBF
Calculated Per Telcordia Technologies SR-332
4.82
MHrs
Peak Reflow Temperature
ZY7015
220
°C
Peak Reflow Temperature
ZY7015G
245
260
°C
Lead Plating
ZY7015 and ZY7015G
100% Matte Tin or
1.5µm Ag over 1.5µm Ni
Moisture Sensitivity Level
JEDEC J-STD-020C
3
ZD-00283 REV. 2.2
www.power-one.com
Page 2 of 34


Similar Part No. - ZY7015LQ1

ManufacturerPart #DatasheetDescription
logo
Power-One
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-Q1 POWER-ONE-ZY7010LG-Q1 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-T1 POWER-ONE-ZY7010LG-T1 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-T2 POWER-ONE-ZY7010LG-T2 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-T3 POWER-ONE-ZY7010LG-T3 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
More results

Similar Description - ZY7015LQ1

ManufacturerPart #DatasheetDescription
logo
Power-One
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7120 POWER-ONE-ZY7120 Datasheet
1Mb / 34P
   20A DC-DC Intelligent POL Data Sheet 3V to 13.2V Input 0.5V to 5.5V Output
ZY1015 POWER-ONE-ZY1015 Datasheet
868Kb / 17P
   15A No-Bus POL 3V to 14V Input 0.5V to 5.5V Output
ZY7007 POWER-ONE-ZY7007 Datasheet
1Mb / 35P
   7A DC-DC Intelligent POL 3V to 14V Input - 0.5V to 5.5V Output
ZY1120G POWER-ONE-ZY1120G Datasheet
325Kb / 17P
   ZY1120 20A No-Bus POL Data Sheet 3V to 14V Input ??0.5V to 5.5V Output
Y5117P POWER-ONE-Y5117P Datasheet
1Mb / 14P
   3.0V to 13.2V Input 0.7V to 3.63V Output
DP8105 POWER-ONE-DP8105 Datasheet
2Mb / 35P
   8V to 14V Input , 0.7V to 5.5V Output
DP8110 POWER-ONE-DP8110 Datasheet
2Mb / 34P
   8V to 14V Input, 0.7V to 5.5V Output
logo
Maxim Integrated Produc...
MAX3160EEVKIT MAXIM-MAX3160EEVKIT Datasheet
160Kb / 7P
   3V to 5.5V Single-Supply Operation
2007
logo
Analog Devices
MAX77675 AD-MAX77675 Datasheet
4Mb / 64P
   Low IQ SIMO PMIC with 0.5V to 5.5V Outputs Delivering Up to 700mA Total Output Current
Rev 0; 03/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com