Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8793 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8793
Description  8-bit, low-power, 3 V, 100 Msps Analog-to-Digital Converter ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8793 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8793 Datasheet HTML 1Page - NXP Semiconductors TDA8793 Datasheet HTML 2Page - NXP Semiconductors TDA8793 Datasheet HTML 3Page - NXP Semiconductors TDA8793 Datasheet HTML 4Page - NXP Semiconductors TDA8793 Datasheet HTML 5Page - NXP Semiconductors TDA8793 Datasheet HTML 6Page - NXP Semiconductors TDA8793 Datasheet HTML 7Page - NXP Semiconductors TDA8793 Datasheet HTML 8Page - NXP Semiconductors TDA8793 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1999 Oct 06
2
Philips Semiconductors
Preliminary specification
8-bit, low-power, 3 V, 100 Msps
Analog-to-Digital Converter (ADC)
TDA8793
FEATURES
• 8-bit low-power ADC (170 mW typical)
• 2.7 to 3.6 V operation
• Sampling rate up to 100 Msps
• Track-and-hold circuit
• CMOS/TTL compatible digital inputs and outputs
• Internal references
• Adjustable full scale range possibility with external
reference
• Power-down mode; 5 mW.
APPLICATIONS
• Radio communications
• Digital data storage read channels
• Medical imaging
• Digital instrumentation.
GENERAL DESCRIPTION
The TDA8793 is an 8-bit low-power Analog-to-Digital
Converter (ADC) which includes a track-and-hold circuit
and internal references. The device converts an analog
input signal, up to 100 MHz, into 8-bit binary codes at a
maximum sample rate of 100 Msps. All digital inputs and
output are TTL/CMOS compatible. A sine wave clock input
signal can also by used.
The Power-down mode enables the device power
consumption to be reduced to 5 mW.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCCA
analog supply voltage
2.7
3.0
3.6
V
VCCD
digital supply voltage
2.7
3.0
3.6
V
VCCO
output stages supply voltage
2.7
3.0
3.6
V
ICCA
analog supply current
operating
32
40
48
mA
standby
0
5
100
µA
ICCD
digital supply current
operating
13
16
22
mA
standby
0
0.65
1.1
mA
ICCO
output stages supply current
0.1
mA
INL
integral non-linearity
ramp input; fCLK = 2 MHz;
VCCA =VCCD =3V
−±0.8
tbf
LSB
DNL
differential non-linearity
ramp input; fCLK = 2 MHz;
VCCA =VCCD =3V
−±0.25 tbf
LSB
fCLK(max)
maximum clock input frequency
100
−−
MHz
Ptot
total power dissipation
VCC =3V
170
mW
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8793HL
LQFP32
plastic low profile quad flat package; 32 leads; body 5
× 5 × 1.4 mm
SOT401-1


Similar Part No. - TDA8793

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8790 PHILIPS-TDA8790 Datasheet
142Kb / 20P
   8-bit, 40 Msps 2.7 to 5.5 V universal analog-to-digital converter
1996 Feb 21
TDA8790M PHILIPS-TDA8790M Datasheet
142Kb / 20P
   8-bit, 40 Msps 2.7 to 5.5 V universal analog-to-digital converter
1996 Feb 21
TDA8792 PHILIPS-TDA8792 Datasheet
148Kb / 20P
   3.3 V, 25 MHz 8-bit analog-to-digital converter ADC
1996 Feb 21
TDA8792M PHILIPS-TDA8792M Datasheet
148Kb / 20P
   3.3 V, 25 MHz 8-bit analog-to-digital converter ADC
1996 Feb 21
TDA8798 PHILIPS-TDA8798 Datasheet
195Kb / 24P
   Dual 8-bit, 100 Msps A/D converter with DPGA
1999 Sep 16
More results

Similar Description - TDA8793

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9286 AD-AD9286 Datasheet
646Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9286 AD-AD9286_15 Datasheet
713Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9284 AD-AD9284 Datasheet
626Kb / 24P
   8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9284 AD-AD9284_13 Datasheet
627Kb / 25P
   8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
logo
Texas Instruments
THS5641 TI-THS5641 Datasheet
702Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641A TI-THS5641A Datasheet
703Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641 TI1-THS5641_05 Datasheet
731Kb / 29P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641AIDWG4 TI1-THS5641AIDWG4 Datasheet
897Kb / 31P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
TLV5535 TI-TLV5535 Datasheet
535Kb / 32P
[Old version datasheet]   8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
TLV5535-Q1 TI1-TLV5535-Q1 Datasheet
667Kb / 36P
[Old version datasheet]   8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com