Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8798HL Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8798HL
Description  Dual 8-bit, 100 Msps A/D converter with DPGA
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8798HL Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8798HL Datasheet HTML 5Page - NXP Semiconductors TDA8798HL Datasheet HTML 6Page - NXP Semiconductors TDA8798HL Datasheet HTML 7Page - NXP Semiconductors TDA8798HL Datasheet HTML 8Page - NXP Semiconductors TDA8798HL Datasheet HTML 9Page - NXP Semiconductors TDA8798HL Datasheet HTML 10Page - NXP Semiconductors TDA8798HL Datasheet HTML 11Page - NXP Semiconductors TDA8798HL Datasheet HTML 12Page - NXP Semiconductors TDA8798HL Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1999 Sep 16
9
Philips Semiconductors
Objective specification
Dual 8-bit, 100 Msps A/D converter with
DPGA
TDA8798
Table 2
Abbreviations
Table 3
TE truth table
Table 4
SR truth table
Table 5
DPGAEN truth table
Table 6
Gain Control
SYMBOL
DESCRIPTION
GCR1
DPGA1 gain control register value
GCR2
DPGA2 gain control register value
SISR
Serial interface shift register value
X
can be either logic state 0 or logic
state 1
rising edge
falling edge
U
can be either undefined logic state X
rising edge or falling edge
Di
Data input
TE
ADC TRACK-AND-HOLD
0
track-and-hold enabled
1
track enabled
SR
ADC DIGITAL OUTPUT SLEW RATE
0
maximum
1
minimum
DPGAEN
DPGA FUNCTIONALITY
0
enabled
1
disabled
GAIN CONTROL
REGISTER VALUE
GAIN (dBV)
000000
0.00
000001
0.54
000010
1.08
...
...
...
...
...
...
111110
33.46
111111
34.00
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDDA
analog supply voltage
−0.3
+7.0
V
VDDD
digital supply voltage
−0.3
+7.0
V
VDDO
output stage supply voltage
−0.3
+7.0
V
∆V
DDX
supply voltage differences between
VDDA and VDDD
−1.0
+1.0
V
VDDO and VDDD
−1.0
+1.0
V
VDDA and VDDO
−1.0
+1.0
V
Vi(VIN)
input voltage range on VIN1 and VIN2
(pins 10 and 7)
referenced to VSSA
−0.3
+7.0
V
IO
output current
10
mA
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
0
70
°C
Tj
junction temperature
104
°C


Similar Part No. - TDA8798HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8790 PHILIPS-TDA8790 Datasheet
142Kb / 20P
   8-bit, 40 Msps 2.7 to 5.5 V universal analog-to-digital converter
1996 Feb 21
TDA8790M PHILIPS-TDA8790M Datasheet
142Kb / 20P
   8-bit, 40 Msps 2.7 to 5.5 V universal analog-to-digital converter
1996 Feb 21
TDA8792 PHILIPS-TDA8792 Datasheet
148Kb / 20P
   3.3 V, 25 MHz 8-bit analog-to-digital converter ADC
1996 Feb 21
TDA8792M PHILIPS-TDA8792M Datasheet
148Kb / 20P
   3.3 V, 25 MHz 8-bit analog-to-digital converter ADC
1996 Feb 21
TDA8793 PHILIPS-TDA8793 Datasheet
92Kb / 20P
   8-bit, low-power, 3 V, 100 Msps Analog-to-Digital Converter ADC
1999 Oct 06
More results

Similar Description - TDA8798HL

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB40C328 FUJITSU-MB40C328 Datasheet
163Kb / 16P
   8-bit 100 MSPS A/D Converter
MB40C328V FUJITSU-MB40C328V Datasheet
167Kb / 16P
   8-bit 100 MSPS A/D Converter
logo
Analog Devices
AD9288 AD-AD9288_15 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288BSTZ-40 AD-AD9288BSTZ-40 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288BSTZ-80 AD-AD9288BSTZ-80 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288 AD-AD9288 Datasheet
205Kb / 16P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. 0
AD9283S AD-AD9283S Datasheet
126Kb / 8P
   8-Bit, 100 MSPS 3V A/D Converter
AD9708 AD-AD9708 Datasheet
246Kb / 16P
   8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
AD9708ARRL AD-AD9708ARRL Datasheet
249Kb / 16P
   8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
AD9708ARUZ AD-AD9708ARUZ Datasheet
249Kb / 16P
   8-Bit, 100 MSPS TxDAC짰 D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com