Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8920 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8920
Description  2 x 50 W class-D power amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8920 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8920 Datasheet HTML 1Page - NXP Semiconductors TDA8920 Datasheet HTML 2Page - NXP Semiconductors TDA8920 Datasheet HTML 3Page - NXP Semiconductors TDA8920 Datasheet HTML 4Page - NXP Semiconductors TDA8920 Datasheet HTML 5Page - NXP Semiconductors TDA8920 Datasheet HTML 6Page - NXP Semiconductors TDA8920 Datasheet HTML 7Page - NXP Semiconductors TDA8920 Datasheet HTML 8Page - NXP Semiconductors TDA8920 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1998 Dec 01
4
Philips Semiconductors
Preliminary specification
2
× 50 W class-D power amplifier
TDA8920
PINNING
Note
1. The case of the package is connected to pins 8 and 10
(VSS1 and VSS2). Therefore no other voltage than VSS
should be connected to the case or the heatsink.
SYMBOL
PIN
DESCRIPTION
OSC
1
oscillator frequency adjustment
SGND
2
signal ground (0 V)
IN1
3
negative input channel 1
IN1+
4
positive input channel 1
VDD1
5
positive supply voltage 1
BOOT1
6
bootstrapping capacitor 1
OUT1
7
output 1
VSS1
8
negative supply voltage 1; note 1
STAB
9
internal stabilizer decoupling
VSS2
10
negative supply voltage 2; note 1
OUT2
11
output 2
BOOT2
12
bootstrapping capacitor 2
VDD2
13
positive supply voltage 2
IN2+
14
positive input channel 2
IN2
15
negative input channel 2
LIM
16
current limiting adjustment
MODE
17
mode select input
Fig.2 Pin configuration (SOT243-1).
handbook, halfpage
TDA8920J
MGR658
OSC
SGND
IN1
IN1
+
VDD1
BOOT1
OUT1
VSS1
STAB
VSS2
OUT2
BOOT2
VDD2
IN2
+
IN2
LIM
MODE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17


Similar Part No. - TDA8920

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BJ PHILIPS-TDA8920BJ Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BTH PHILIPS-TDA8920BTH Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920C NXP-TDA8920C Datasheet
275Kb / 40P
   2 X110 W class-D power amplifier
Rev. 01-29 September 2008
TDA8920C NXP-TDA8920C Datasheet
242Kb / 39P
   2 쨈 110 W class-D power amplifier
Rev. 02-11 June 2009
More results

Similar Description - TDA8920

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
   2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8950 PHILIPS-TDA8950_15 Datasheet
242Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com