Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR50A Datasheet(PDF) 2 Page - Won-Top Electronics

Part # AR50A
Description  50A AUTOMOTIVE BUTTON DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

AR50A Datasheet(HTML) 2 Page - Won-Top Electronics

  AR50A Datasheet HTML 1Page - Won-Top Electronics AR50A Datasheet HTML 2Page - Won-Top Electronics AR50A Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AR/S50A – AR/S50J
2 of 3
© 2006 Won-Top Electronics
40
60
80
100
120
140
160
180
0
10
20
30
40
50
T , CASE TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
C
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
1.0
10
100
10
100
1000
T = 25ºC
j
f = 1MHz
1.0
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
8.3ms Single half sine-wave
JEDEC Method
400
300
200
0
100
500
0.6
0.8
1.0
1.2
1.4
1.6
0.1
1.0
10
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25ºC
PULSE WIDTH = 300µs
2% DUTY CYCLE
j
100


Similar Part No. - AR50A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
AR50A WTE-AR50A Datasheet
24Kb / 2P
   50A AUTOMOTIVE BUTTON DIODE
logo
Taiwan Semiconductor Co...
AR50A TSC-AR50A Datasheet
73Kb / 2P
   50.0 AMPS. High Current Plastic Silicon Rectifiers
AR50A TSC-AR50A Datasheet
290Kb / 2P
   50.0 AMPS. High Current Button Rectifiers
AR50A TSC-AR50A Datasheet
556Kb / 2P
   50.0 AMPS. High Current Button Rectifiers
logo
Yangzhou yangjie electr...
AR50A YANGJIE-AR50A Datasheet
148Kb / 2P
   Silicon Rectifier
More results

Similar Description - AR50A

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
ARS50 DGNJDZ-ARS50 Datasheet
55Kb / 3P
   50A AUTOMOTIVE BUTTON DIODE
ARS50G DGNJDZ-ARS50G Datasheet
531Kb / 3P
   50A AUTOMOTIVE BUTTON DIODE
logo
Won-Top Electronics
AR50A WTE-AR50A Datasheet
24Kb / 2P
   50A AUTOMOTIVE BUTTON DIODE
logo
Shunye Enterprise
AR3505 SHUNYE-AR3505 Datasheet
225Kb / 2P
   AUTOMOTIVE BUTTON DIODE
AR2505 SHUNYE-AR2505 Datasheet
214Kb / 2P
   AUTOMOTIVE BUTTON DIODE
AR5005 SHUNYE-AR5005 Datasheet
249Kb / 2P
   AUTOMOTIVE BUTTON DIODE
logo
Won-Top Electronics
C50A WTE-C50A_14 Datasheet
31Kb / 2P
   50A AUTOMOTIVE CELL DIODE
C50A WTE-C50A_06 Datasheet
42Kb / 2P
   50A AUTOMOTIVE CELL DIODE
logo
Changzhou Shunye Electr...
RA7005 SY-RA7005 Datasheet
2Mb / 2P
   AUTOMOTIVE BUTTON DIODE
RA8005 SY-RA8005 Datasheet
112Kb / 2P
   AUTOMOTIVE BUTTON DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com