Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APU1206K-33 Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # APU1206K-33
Description  1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APU1206K-33 Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  APU1206K-33 Datasheet HTML 1Page - Advanced Power Electronics Corp. APU1206K-33 Datasheet HTML 2Page - Advanced Power Electronics Corp. APU1206K-33 Datasheet HTML 3Page - Advanced Power Electronics Corp. APU1206K-33 Datasheet HTML 4Page - Advanced Power Electronics Corp. APU1206K-33 Datasheet HTML 5Page - Advanced Power Electronics Corp. APU1206K-33 Datasheet HTML 6Page - Advanced Power Electronics Corp. APU1206K-33 Datasheet HTML 7Page - Advanced Power Electronics Corp. APU1206K-33 Datasheet HTML 8Page - Advanced Power Electronics Corp. APU1206K-33 Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
APU1206/APU1207/APU1208/APU1209
200706062-1/9
Data and specifications subject to change without notice.
TYPICAL APPLICATION
DESCRIPTION
The
APU1206 family of devices are ultra low dropout 1A
regulators using PNP transistor as the pass element.
These products are ideal when a single input supply is
only available and the dropout voltage is less than 1V,
exceeding the minimum dropout characteristics of NPN/
PNP hybrid regulators. One common application of these
regulators is where input is 3.3V and a 2.5V output is
needed.
Besides the low dropout of less than 0.5V, other fea-
tures of the family of the parts are: micro-power shut-
down capability and output UVLO detection where Flag
pin is switched low when output is below 5% of its nomi-
nal point.
1A VERY LOW DROPOUT POSITIVE
FIXED AND ADJUSTABLE REGULATORS
Technology Licensed from International Rectifier
Figure 1 - Typical application of the 1206-XX in a 3-Pin SOT-223 package.
Low Dropout Voltage (500mV at 1A)
1% Voltage Reference Accuracy
Low Ground Current
1
µA Maximum Quiescent Current in Shutdown
(
APU1207, APU1208)
Fast Transient Response
Current Limit and Thermal Shutdown
Error Flag Signal for Output out of Regulation
(
APU1207, APU1208)
RoHS Compliant
FEATURES
2.5V Supply from 3.3V Input for the new
generation of Logic ICs
Computer Mother Board, Add-On Cards
High Efficiency Post Regulator in Switch Mode
Power Supply (SMPS)
APPLICATIONS
VIN
VOUT
C1
C2
APU1206-
XX
3
1
2
VOUT
Gnd
VIN


Similar Part No. - APU1206K-33

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
231Kb / 10P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
More results

Similar Description - APU1206K-33

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
   1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com