Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME5142AEEV Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME5142AEEV
Description  White LED Boost Converter In Tiny Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5142AEEV Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME5142AEEV Datasheet HTML 7Page - Analog Microelectronics AME5142AEEV Datasheet HTML 8Page - Analog Microelectronics AME5142AEEV Datasheet HTML 9Page - Analog Microelectronics AME5142AEEV Datasheet HTML 10Page - Analog Microelectronics AME5142AEEV Datasheet HTML 11Page - Analog Microelectronics AME5142AEEV Datasheet HTML 12Page - Analog Microelectronics AME5142AEEV Datasheet HTML 13Page - Analog Microelectronics AME5142AEEV Datasheet HTML 14Page - Analog Microelectronics AME5142AEEV Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AME, Inc.
13
AME5142
White LED Boost Converter
In Tiny Package
Rev. A.01
4
µS / div
1
2
3
V
IN = 2.7V; 6 LEDs
I
OUT = 20mA
2) EN = 1V / div, DC f = 200KHz
3) V
OUT , 10V / div, DC
1) V
SW = 10V / div, DC
Dimming Control for Driving 6LEDs
4
µS / div
1
2
3
V
IN = 5.5V; 6 LEDs
I
OUT = 20mA
2) EN = 1V / div, DC f = 200KHz
3) V
OUT , 10V / div, DC
1) V
SW = 10V / div, DC
Dimming Control for Driving 6LEDs
200
µS / Div
1
2
3
V
IN = 2.7V; 1 LEDs
I
OUT = 20mA
1) EN = 2V/div, DC
2) Inductor Current, 100mA / div, DC
3) V
OUT , 2V / div, DC
Start-Up / Shutdown
200
µS / div
1
2
3
Start-Up / Shutdown
V
IN = 2.7V; 6 LEDs
I
OUT = 20mA
1) EN = 2V / div, DC
2) Inductor Current, 500mA / div, DC
3) V
OUT , 10V / div, DC


Similar Part No. - AME5142AEEV

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5140 AME-AME5140 Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
AME5140AEEAADJY AME-AME5140AEEAADJY Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
AME5140AEEAADJZ3 AME-AME5140AEEAADJZ3 Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
AME5140AEEVADJY AME-AME5140AEEVADJY Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
AME5140AEEVADJZ AME-AME5140AEEVADJZ Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
More results

Similar Description - AME5142AEEV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9271 RICHTEK-RT9271 Datasheet
339Kb / 15P
   White LED Step-Up Converter in Tiny Package
logo
Eutech Microelectronics...
EUP2571 EUTECH-EUP2571 Datasheet
370Kb / 14P
   White LED Step-Up Converter In Tiny SOT-23 Package
logo
Fitipower Integrated Te...
FP6737 FITIPOWER-FP6737 Datasheet
541Kb / 12P
   Built-In OVP White LED Step-Up Converter in Tiny Package
logo
Eutech Microelectronics...
EUP2584 EUTECH-EUP2584 Datasheet
374Kb / 11P
   White LED Step-Up Converter In Tiny SOT-23 Package
EUP2584A EUTECH-EUP2584A Datasheet
425Kb / 11P
   White LED Step-Up Converter In Tiny SOT-23 Package
EUP2539 EUTECH-EUP2539 Datasheet
236Kb / 11P
   10 White LED Boost Converter In Thin TSOT-23 Package
logo
Linear Technology
LT3466-1 LINER-LT3466-1_15 Datasheet
415Kb / 20P
   White LED Driver and Boost Converter in 3mm 3mm DFN Package
LT3466-1 LINER-LT3466-1 Datasheet
409Kb / 20P
   White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
   White LED Driver with PWM Brightness Control in Tiny Package
logo
Eutech Microelectronics...
EUP2537 EUTECH-EUP2537 Datasheet
368Kb / 1P
   10 White LED Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com